Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-2602 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCPL-2602
Description  High CMR, High Speed TTL Compatible Optocouplers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2602 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL-2602 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2602 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Ordering Information
Specify Part Number followed by Option Number (if desired).
Example:
HCPL-2611#XXXX
020 = 5000 V rms/1 minute UL Rating Option*
060 = IEC/EN/DIN EN 60747-5-2 VIORM = 630 Vpeak Option**
300 = Gull Wing Surface Mount Option†
500 = Tape and Reel Packaging Option
XXXE = Lead Free Option
Option data sheets available. Contact Agilent sales representative or authorized distributor for information.
Remarks: The notation “#” is used for existing products, while (new) products launched since 15th July
2001 and lead free option will use “-”
*For 6N137, HCPL-2601/11/30/31 and HCPL-4661 (8-pin DIP products) only.
**For HCPL-2611 only. Combination of Option 020 and Option 060 is not available.
†Gull wing surface mount option applies to through hole parts only.
Schematic
SHIELD
8
6
5
2+
3
VF
USE OF A 0.1 µF BYPASS CAPACITOR CONNECTED
BETWEEN PINS 5 AND 8 IS RECOMMENDED (SEE NOTE 5).
–
IF
ICC
VCC
VO
GND
IO
VE
IE
7
6N137, HCPL-2601/2611
HCPL-0600/0601/0611
HCNW137, HCNW2601/2611
SHIELD
8
7
+
2
VF1
–
IF1
ICC
VCC
VO1
IO1
1
SHIELD
6
5
–
4
VF2
+
IF2
VO2
GND
IO2
3
HCPL-2630/2631/4661
HCPL-0630/0631/0661



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com