Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P010963 Datasheet(PDF) 1 Page - E-SWITCH

Part # P010963
Description  All Dimension In MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P010963 Datasheet(HTML) 1 Page - E-SWITCH

  P010963 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL59AF260Q
12/20/2012
P010963
A
EBP
1
1
PC MOUNTING
4.95
[.195 in]
6.20
[.244 in]
o
.40 MAX
[.016 in]
.30
[.012 in]
3.60
[.142 in]
n3.50
[.138 in]
2.60
[.102 in]
.40
[.016 in]
18.00
[.709 in]
18.00 `.20
.709 `.008 in
[
]
9.00
[.354 in]
5.00 `.10
.197 `.004 in
[
]
.50 MAX
[.020 in]
6.00
[.236 in]
1.00
n
- .00
.10
+
.039 - .000
.004
+
in
[
]
5.00 `.10
.197 `.004 in
[
]
CIRCUIT: SPST
1
2
A
20935
RELEASED FOR PRODUCTION
12/20/12
EBP
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=`0.4mm
X.XX=`0.25mm
3. CONTACT RATING: 50mA @ 12VDC
4. CONTACT MATERIAL: SILVER
5. OPERATING FORCE: 260`50gf
6. TRAVEL: 0.25 +0.2/-0.1mm
7. CONTACT RESISTANCE: 100mW
W
W
W MAX.
8. ELECTRICAL LIFE: 100,000 CYCLES
9. PACKAGING: 1,000 PCS RADIAL
10. 2002/95/EC (ROHS) COMPLIANT
11.
DENOTES CRITICAL PRAMETERS.
12.70
[.500 in]
6.35 `1.00
.250 `.039 in
[
]
2.0° MAX
.60
[.024 in]
.50
[.020 in]


Similar Part No. - P010963

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P010961 E-SWITCH-P010961 Datasheet
79Kb / 1P
All Dimension In MM
More results

Similar Description - P010963

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XR0119B E-SWITCH-XR0119B Datasheet
26Kb / 1P
All Dimension In MM
XR0123B E-SWITCH-XR0123B Datasheet
27Kb / 1P
All Dimension In MM
XR0126B E-SWITCH-XR0126B Datasheet
27Kb / 1P
All Dimension In MM
XR0143P E-SWITCH-XR0143P Datasheet
35Kb / 1P
All Dimension In MM
XR0144P E-SWITCH-XR0144P Datasheet
35Kb / 1P
All Dimension In MM
XR0150P E-SWITCH-XR0150P Datasheet
26Kb / 1P
All Dimension In MM
XR0153P E-SWITCH-XR0153P Datasheet
26Kb / 1P
All Dimension In MM
XR0166P E-SWITCH-XR0166P Datasheet
35Kb / 1P
All Dimension In MM
XR0180P E-SWITCH-XR0180P Datasheet
33Kb / 1P
All Dimension In MM
M301100 E-SWITCH-M301100 Datasheet
34Kb / 1P
All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com