Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D16-LMS1-2AB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # D16-LMS1-2AB
Description  Push Button Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D16-LMS1-2AB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  D16-LMS1-2AB Datasheet HTML 1Page - List of Unclassifed Manufacturers D16-LMS1-2AB Datasheet HTML 2Page - List of Unclassifed Manufacturers D16-LMS1-2AB Datasheet HTML 3Page - List of Unclassifed Manufacturers D16-LMS1-2AB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page <3>
20/08/09 V1.1
Push Button Switches
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
-
-
Basic Type
: D16 =
φ16mm.
Functions
: LM = Soldering type pushbutton switches with momentary action,
LA = Soldering type pushbutton switches with alternate action.
Pushbutton Head
:
R1
S1
T1
Contact Arrange
: 1AB = 1 NO + 1 NC, 2AB = 2 NO + 2 NC.
R1
Pushbutton Head
1AB
Contact Arrange
LM
Functions
D16
Basic Type
Part Number Explanation:
Description
Part Number
Lens, Blue, Round, 18mm, For D16
50-001-01
Lens, Green, Round, 18mm, For D16
50-001-02
Lens, Orange, Round, 18mm, For D16
50-001-03
Lens, Red, Round, 18mm, For D16
50-001-04
Lens, White, Round, 18mm, For D16
50-001-05
Lens, Yellow, Round, 18mm, For D16
50-001-06
Lens, Blue, 18 x 18mm, For D16
50-003-01
Lens, Green, 18 x 18mm, For D16
50-003-02
Lens, Orange, 18 x 18mm, For D16
50-003-03
Lens, Red, 18 x 18mm, For D16
50-003-04
Lens, White, 18 x 18mm, For D16
50-003-05
Lens, Yellow, 18 x 18mm, For D16
50-003-06
Part Number Table
Round (Concave)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com