Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEM8030C Datasheet(PDF) 2 Page - TOKO, Inc

Part # DEM8030C
Description  8.3 x 8.3mm Max. square, 3.0, 4.0, and 4.5mm Max. height.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

DEM8030C Datasheet(HTML) 2 Page - TOKO, Inc

  DEM8030C Datasheet HTML 1Page - TOKO, Inc DEM8030C Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
continued from previous page
前頁より続く
TOKO STANDARD PART NUMBERS
東光 標準品一覧
TYPE DEM8040C (Quantity/reel; 1000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
1248AS-H-1R5N
1.5
±30
10.1 (8.4)
10.0 (14.0)
8.0 (9.4)
1248AS-H-2R2N
2.2
±30
13.2 (11)
8.6 (12.0)
7.0 (8.3)
1248AS-H-3R3N
3.3
±30
19.2 (16)
7.2 (9.4)
5.6 (6.6)
1248AS-H-4R7N
4.7
±30
22.8 (19)
6.2 (8.4)
5.3 (6.2)
1248AS-H-6R8N
6.8
±30
36.0 (30)
4.8 (6.6)
4.2 (4.9)
1248AS-H-100M
10
±20
52.8 (44)
4.1 (5.4)
3.4 (4.0)
1248AS-H-150M
15
±20
78.0 (65)
3.4 (4.6)
2.7 (3.2)
1248AS-H-220M
22
±20
126.0 (105)
2.8 (3.7)
2.2 (2.6)
1248AS-H-330M
33
±20
168.0 (140)
2.4 (3.1)
1.8 (2.2)
TYPE DEM8045C (Quantity/reel; 1000 PCS)
東光品番
インダクタンス
(1)
許容差
直流抵抗
(2)
直流重畳許容電流
(3)
温度上昇許容電流
(3)
TOKO
Part
Number
Inductance
(1)
(
H)
Tolerance
(%)
DC
Resistance
(2)
(m
) Max. (Typ.)
Inductance
Decrease Current
(3)
(A) Max. (Typ.)
=30%
Temperature
Rise Current
(3)
T=40C
(A) Max. (Typ.)
1217AS-H-1R5N
1.5
±30
7.6 (6.5)
11.2 (15.0)
9.4 (11.0)
1217AS-H-2R2N
2.2
±30
9.9 (8.3)
9.3 (12.4)
8.7 (10.0)
1217AS-H-3R3N
3.3
±30
14.4 (12)
7.7 (10.3)
6.8 (8.0)
1217AS-H-4R7N
4.7
±30
18.0 (15)
6.7 (9.0)
6.3 (7.4)
1217AS-H-6R8N
6.8
±30
27.6 (23)
5.2 (7.0)
4.8 (5.6)
1217AS-H-8R2M
8.2
±20
33.6 (28)
4.8 (6.4)
4.5 (5.3)
1217AS-H-100M
10
±20
39.6 (33)
4.3 (5.7)
3.9 (4.6)
1217AS-H-150M
15
±20
52.8 (44)
3.3 (4.4)
3.5 (4.1)
1217AS-H-220M
22
±20
93.6 (78)
2.9 (3.9)
2.4 (2.8)
1217AS-H-330M
33
±20
132.0 (110)
2.3 (3.1)
2.2 (2.6)
1217AS-H-470M
47
±20
204.0 (170)
2.1 (2.8)
1.8 (2.1)
(1) Inductance is measured with a LCR meter 4284A (Agilent
Technologies) or equivalent.
Test frequency at 100kHz
(2) DC resistance is measured with 34420A (Agilent Technologies) or
3541(HIOKI). (Reference ambient temperature 25°C)
(3) Maximum allowable DC current is that which causes a 30%
inductance reduction from the initial value, or coil temperature to
rise by 40°C, whichever is smaller. (Reference ambient
temperature 20°C)
(1) インダクタンスはLCRメータ4284A(Agilent Technologies)
または同等品により測定する。
測定周波数は100kHz。
(2) 直流抵抗は測定器34420A(Agilent Technologies)または3541
(HIOKI)と同等品により測定する。(周囲温度25°C)
(3) 最大許容電流は、直流重畳電流を流した時インダクタンスの値が
初期値より30%減少する直流電流値、または直流電流により、
コイルの温度が40°C上昇の何れか小さい値。(周囲温度20°Cを基
準とする。)
L
L
L
L
Ferrite Inductors
フェライトインダクタ



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com