Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRR1-3813 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # DRR1-3813
Description  Digital Radio Receiver Down Converter Modules for 37 to 40GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

DRR1-3813 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  DRR1-3813 Datasheet HTML 1Page - Agilent(Hewlett-Packard) DRR1-3813 Datasheet HTML 2Page - Agilent(Hewlett-Packard) DRR1-3813 Datasheet HTML 3Page - Agilent(Hewlett-Packard) DRR1-3813 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
8-10
DRR1-38XX Typical Performance
Figure 4. Power In at P1dB Out vs.
Frequency.
1
10
100
1000
KHz Offset from Carrier
Figure 5. Phase Noise at 40 GHz vs.
KHz Offset from Carrier.
-120
-80
-100
-20
-60
-40
2
4
6
8
10
12
14
TUNING VOLTAGE (V)
Figure 6. Tuning Voltage vs. Frequency
and Modulation Sensitivity.
400
300
500
200
600
FREQUENCY (GHz)
T = +25
°C
T = –30
°C
T = +70
°C
36
38
37
41
39
TUNING VOLTAGE
MODULATION
SENSITIVITY
40
36.5
39.5
38.5
37.5
40.5
FREQUENCY (GHz)
Figure 1. Conversion Gain vs.
Frequency.
16
18
20
22
28
26
24
T = +25
°C
T = –30
°C
T = +70
°C
FREQUENCY (GHz)
Figure 2. Image Rejection vs.
Frequency.
8
10
12
14
16
18
20
22
36.5
38.5
39.5
37.5
40.5
T = +25
°C
T = –30
°C
T = +70
°C
Figure 3. Noise Figure vs. Frequency.
FREQUENCY (GHz)
5
6
7
8
9
36.5
38.5
39.5
37.5
40.5
-25
-20
-15
-10
-5
36.5
38.5
39.5
37.5
40.5
T = +25
°C
T = –30
°C
T = +70
°C
Spec Min
Spec Min
Spec Min
Spec Max
Spec Max
Product Options
Specify part number followed by option. For example:
DR R 1 – 38 X X
Model Number Prefix = Digital Radio
R = Receiver Module
Internal Use
3 = WR-28 Waveguide Connector
1 = 630 MHz IF Frequency
2 = 1260 MHz IF Frequency
38 = 37 to 40 GHz Frequency Band
Powering Up Instructions
The -5 volts must be applied to the
receiver module before applying
the +5 volts. Likewise when
shutting down the receiver
module the +5 volts must be
removed before the -5 volts is
Mounting Instructions
Case must be mounted firmly,
with screws, to an adequate
metallic structure that has suffi-
cient thermal properties to
maintain the module case at a
temperature not to exceed 70
°C.
turned off. The +8.5 volts can be
turned on in any sequence. Failure
to follow this procedure could
cause permanent damage to the
module.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com