Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 134 Page - ATMEL Corporation

Part # AT90PWM2
Description  High Performance, Low Power Atmel
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 134 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 130Page - ATMEL Corporation AT90PWM2 Datasheet HTML 131Page - ATMEL Corporation AT90PWM2 Datasheet HTML 132Page - ATMEL Corporation AT90PWM2 Datasheet HTML 133Page - ATMEL Corporation AT90PWM2 Datasheet HTML 134Page - ATMEL Corporation AT90PWM2 Datasheet HTML 135Page - ATMEL Corporation AT90PWM2 Datasheet HTML 136Page - ATMEL Corporation AT90PWM2 Datasheet HTML 137Page - ATMEL Corporation AT90PWM2 Datasheet HTML 138Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 365 page
background image
134
4317K–AVR–03/2013
AT90PWM2/3/2B/3B
16.4
Signal Description
Figure 16-3. PSC External Block View
Note:
1. available only for PSC2
2. n = 0, 1 or 2
16.4.1
Input Description
Table 16-1.
Internal Inputs
OCRnRB[11:0]
OCRnRA[11:0]
OCRnSA[11:0]
OCRnRB[15:12]
OCRnSB[11:0]
PICRn[11:0]
IRQ PSCn
SYnIn
PSCINn
Analog
Comparator
n Output
PSCOUTn0
PSCOUTn2
SYnOut
CLK
4
12
12
12
12
CLK
PSCOUTn1
PSCOUTn3
12
PSCnASY
StopOut
StopIn
I/O
PLL
(1)
(1)
(Flank Width
Modulation)
Name
Description
Type
Width
OCRnRB[11:0]
Compare Value which Reset Signal on Part B (PSCOUTn1)
Register
12 bits
OCRnSB[11:0]
Compare Value which Set Signal on Part B (PSCOUTn1)
Register
12 bits
OCRnRA[11:0]
Compare Value which Reset Signal on Part A (PSCOUTn0)
Register
12 bits
OCRnSA[11:0]
Compare Value which Set Signal on Part A (PSCOUTn0)
Register
12 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com