Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM2 Datasheet(PDF) 135 Page - ATMEL Corporation

Part # AT90PWM2
Description  High Performance, Low Power Atmel
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 135 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 131Page - ATMEL Corporation AT90PWM2 Datasheet HTML 132Page - ATMEL Corporation AT90PWM2 Datasheet HTML 133Page - ATMEL Corporation AT90PWM2 Datasheet HTML 134Page - ATMEL Corporation AT90PWM2 Datasheet HTML 135Page - ATMEL Corporation AT90PWM2 Datasheet HTML 136Page - ATMEL Corporation AT90PWM2 Datasheet HTML 137Page - ATMEL Corporation AT90PWM2 Datasheet HTML 138Page - ATMEL Corporation AT90PWM2 Datasheet HTML 139Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 365 page
background image
135
4317K–AVR–03/2013
AT90PWM2/3/2B/3B
Note:
1. See Figure 16-38 on page 160
Table 16-2.
Block Inputs
16.4.2
Output Description
Table 16-3.
Block Outputs
Table 16-4.
Internal Outputs
Note:
1. See Figure 16-38 on page 160
2. See “Analog Synchronization” on page 159.
OCRnRB[15:12]
Frequency Resolution Enhancement value
(Flank Width Modulation)
Register
4 bits
CLK I/O
Clock Input from I/O clock
Signal
CLK PLL
Clock Input from PLL
Signal
SYnIn
Synchronization In (from adjacent PSC)(1)
Signal
StopIn
Stop Input (for synchronized mode)
Signal
Name
Description
Type
Width
PSCINn
Input 0 used for Retrigger or Fault functions
Signal
from A C
Input 1 used for Retrigger or Fault functions
Signal
Name
Description
Type
Width
Name
Description
Type
Width
PSCOUTn0
PSC n Output 0 (from part A of PSC)
Signal
PSCOUTn1
PSC n Output 1 (from part B of PSC)
Signal
PSCOUTn2
(PSC2 only)
PSC n Output 2 (from part A or part B of PSC)
Signal
PSCOUTn3(
PSC2 only)
PSC n Output 3 (from part A or part B of PSC)
Signal
Name
Description
Type
Width
SYnOut
Synchronization Output(1)
Signal
PICRn
[11:0]
PSC n Input Capture Register
Counter value at retriggering event
Register
12 bits
IRQPSCn
PSC Interrupt Request : three souces, overflow, fault, and input
capture
Signal
PSCnASY
ADC Synchronization (+ Amplifier Syncho. )(2)
Signal
StopOut
Stop Output (for synchronized mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com