Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2400 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL2400
Description  20 MBd High CMR Logic Gate Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2400 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL2400 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2400 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1-301
Selection Guide
8-Pin DIP (300 Mil)
Minimum CMR
Single
Dual
Minimum Input
Maximum
Channel
Channel
dV/dt
VCM
On Current
Propagation Delay
Hermetic
Package
Package
(V/
µs)
(V)
(mA)
(ns)
Package
HCPL-2400
1000
300
4
60
HCPL-2430
1000
50
4
60
500
50
6
60
HCPL-540X*
500
50
6
60
HCPL-543X*
500
50
6
60
HCPL-643X*
*Technical data for the Hermetic HCPL-5400/01, HCPL-5430/31, and HCPL-6430/31 are on separate HP publications.
The detector has optical receiver
input stage with built-in Schmitt
trigger to provide logic compatible
waveforms, eliminating the need
for additional waveshaping. The
hysteresis provides differential
mode noise immunity and mini-
mizes the potential for output
signal chatter.
The electrical and switching
characteristics of the HCPL-2400
and HCPL-2430 are guaranteed
over the temperature range of
0
°C to 70°C.
These optocouplers are
compatible with TTL, STTL,
LSTTL, and HCMOS logic
families. When Schottky type TTL
devices (STTL) are used, a data
rate performance of 20 MBd over
temperature is guaranteed when
using the application circuit of
Figure 13. Typical data rates are
40 MBd.
Ordering Information
Specify Part Number followed by Option Number (if desired).
Example:
HCPL-2400#XXX
060 = VDE 0884 VIORM = 630 V peak Option*
300 = Gull Wing Surface Mount Option
500 = Tape and Reel Packaging Option
*For HCPL-2400 only.
Schematic
IF
VF
VCC
VO
GND
ICC
IO
+
–
2
3
8
5
IF1
VF1
VCC
VO1
ICC
IO
+
–
1
2
8
6
SHIELD
VF2
VO2
GND
IO
–
+
3
4
5
IF2
7
ANODE
CATHODE
IE
VE
7
6
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
LED
ON
OFF
ON
OFF
ENABLE
L
L
H
H
OUTPUT
L
H
Z
Z
TRUTH TABLE
(POSITIVE LOGIC)
OUTPUT
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com