Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL2300 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL2300
Description  8 MBd Low Input Current Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL2300 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL2300 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL2300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1-289
Ordering Information
Specify part number followed by Option Number (if desired).
HCPL-2300# XXX
060 = VDE 0884 VIORM = 630 V peak Option
300 = Gull Wing Surface Mount Lead Option
500 = Tape/Reel Package Option (1 K min)
Option data sheets available. Contact your Hewlett-Packard sales representative or authorized distributor for
information.
characteristics enable this device
to be used in an RS-232-C inter-
face with ground loop isolation
and improved common mode
rejection. As a line receiver, the
HCPL-2300 will operate over
longer line lengths for a given
data rate because of lower IF and
VF specifications.
The output of the shielded inte-
grated detector circuit is an open
collector Schottky clamped tran-
sistor. The shield, which shunts
capacitively coupled common
mode noise to ground, provides a
guaranteed transient immunity
specification of 100 V/
µs. The
output circuit includes an
optional integrated 1000
Ω pull-
up resistor for the open collector.
This gives designers the flexibility
to use the internal resistor for
pull-up to five volt logic or to use
an external resistor for connec-
tion to supply voltages up to 18 V
(CMOS logic voltage).
The Electrical and Switching
Characteristics of the HCPL-2300
are guaranteed over a tempera-
ture range of -40
°C to 85°C. This
enables the user to confidently
design a circuit which will
operate under a broad range of
operating conditions.
Schematic
IF
SHIELD
VF
VCC
GND
ICC
+
–
2
3
8
5
VO
7
6
A 0.1 µF CAPACITOR MUST
BE CONNECTED BETWEEN
PINS 8 AND 5 (SEE NOTE 1).
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
OUTPUT
L
H
RL
1000
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com