Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-3000 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCPL-3000
Description  Power Bipolar Transistor Base Drive Optocoupler
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-3000 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL-3000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-3000 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1-331
Insulation and Safety Related Specifications
Parameter
Symbol
Value Units
Conditions
Min. External Air Gap
L(IO1)
6.0
mm
Shortest distance measured through air, between
(External Clearance)
two conductive leads, input to output
Min. External Tracking
L(IO2)
6.0
mm
Shortest distance path measured along outside surface
Path (External Creepage)
of optocoupler body between the input and output leads
Min. Internal Plastic
0.15
mm
Through insulation distance conductor to conductor
Gap (Internal Clearance)
inside the optocoupler cavity
Recommended Protection
for Output Transistors
During switching transitions, the
output transistors Q1 and Q2 of
the HCPL-3000 can conduct large
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
V
CC
5.4
13
V
Input Current (ON)
I
F(ON)
8*
20
mA
Input Current (OFF)
I
F(OFF)
-
0.2
mA
Operating Temperature
T
A
-20
80
°C
*The initial switching threshold is 5 mA or less.
amounts of current. Figure 1
describes a recommended circuit
design showing current limiting
resistors R1 and R2 which are
necessary in order to prevent
damage to the output transistors
Q1 and Q2 (see Note 7). A bypass
capacitor C1 is also recommended
to reduce power supply noise.
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Conditions
Fig.
Note
Storage Temperature
T
S
-55
125
°C
Operating Temperature
T
A
-20
80
°C
Input
Continuous Current
I
F
25
mA
9
1
Reverse Voltage
V
R
6V
T
A = 25°C
Supply Voltage
V
CC
18
V
Output 1
Continuous Current
I
O1
0.5
A
10,11
1
Peak Current
1.0
A
Pulse Width < 5
µs,
1
Duty cycle = 1%
Voltage
VO1
18
V
Output 2
Continuous Current
I
O2
0.6
A
10,11,12
1
Peak Current
2.0
A
Pulse Width < 5
µs,
12
1
Duty cycle = 1%
Output Power Dissipation
P
O
500
mW
10
1
Total Power Dissipation
P
T
550
mW
11
1
Lead Solder Temperature
260
°C for 10 s, 1.0 mm below seating plane



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com