Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-3150 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HCPL-3150
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-3150 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HCPL-3150 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-3150 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-3150 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-3150 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-3150 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-3150 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-3150 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-3150 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-3150 Datasheet HTML 15Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
1-208
The value of 4.25 mA for ICC in
the previous equation was
obtained by derating the ICC max
of 5 mA (which occurs at -40
°C)
to ICC max at 90°C (see Figure 7).
Since PO for this case is greater
than PO(MAX), Rg must be
increased to reduce the HCPL-
3150 power dissipation.
PO(SWITCHING MAX)
= PO(MAX) - PO(BIAS)
= 154 mW - 85 mW
= 69 mW
PO(SWITCHINGMAX)
ESW(MAX) = –––––––––––––––
f
69 mW
= ––––––– = 3.45
µJ
20 kHz
For Qg = 500 nC, from Figure
27, a value of ESW = 3.45 µJ
gives a Rg = 41
Ω.
Thermal Model
The steady state thermal model
for the HCPL-3150 is shown in
Figure 28. The thermal resistance
values given in this model can be
used to calculate the tempera-
tures at each node for a given
operating condition. As shown by
the model, all heat generated
flows through
θ
CA which raises
the case temperature TC
accordingly. The value of
θ
CA
depends on the conditions of the
board design and is, therefore,
determined by the designer. The
value of
θ
CA = 83°C/W was
obtained from thermal measure-
ments using a 2.5 x 2.5 inch PC
board, with small traces (no
ground plane), a single HCPL-
3150 soldered into the center of
the board and still air. The
absolute maximum power
dissipation derating specifications
assume a
θ
CAvalue of 83°C/W.
Inserting the values for
θ
LC and
θ
DC shown in Figure 28 gives:
TJE = PE•(230°C/W + θCA)
+ PD•(49°C/W + θCA) + TA
TJD = PE•(49°C/W + θCA)
+ PD•(104°C/W + θCA) + TA
For example, given PE = 45 mW,
PO = 250 mW, TA = 70°C and θCA
= 83
°C/W:
shown in Figure 29. The HCPL-
3150 improves CMR performance
by using a detector IC with an
optically transparent Faraday
shield, which diverts the capaci-
tively coupled current away from
the sensitive IC circuitry. How
ever, this shield does not
eliminate the capacitive coupling
between the LED and optocoup-
ler pins 5-8 as shown in
Figure 30. This capacitive
coupling causes perturbations in
the LED current during common
mode transients and becomes the
major source of CMR failures for
a shielded optocoupler. The main
design objective of a high CMR
LED drive circuit becomes
keeping the LED in the proper
state (on or off) during common
mode transients. For example,
the recommended application
circuit (Figure 25), can achieve
15 kV/
µs CMR while minimizing
component complexity.
Techniques to keep the LED in
the proper state are discussed in
the next two sections.
From the thermal mode in Figure
28 the LED and detector IC
junction temperatures can be
expressed as:
TJE = PE •(θLC||(θLD + θDC) + θCA)
θ
LC
•
θ
DC
+ PD•
(–––––––––––––––– + θ
CA
) + T
A
θ
LC + θDC + θLD
θ
LC
•
θ
DC
TJD = PE
(––––––––––––––– + θ
CA
)
θ
LC + θDC + θLD
+
PD•(θDC||(θLD + θLC) + θCA) + TA
TJE and TJD should be limited to
125
°C based on the board layout
and part placement (
θ
CA) specific
to the application.
LED Drive Circuit
Considerations for Ultra
High CMR Performance
Without a detector shield, the
dominant cause of optocoupler
CMR failure is capacitive
coupling from the input side of
the optocoupler, through the
package, to the detector IC as
TJE = PE•313°C/W + PD•132°C/W + TA
= 45 mW•313
°C/W + 250 mW
•132
°C/W + 70°C = 117°C
TJD = PE•132°C/W + PD•187°C/W + TA
= 45 mW•132C/W + 250 m
W
•187
°C/W + 70°C = 123°C
Figure 27. Energy Dissipated in the
HCPL-3150 for Each IGBT Switching
Cycle.
0
0
Rg – GATE RESISTANCE –
Ω
100
3
20
7
40
2
60
80
6
Qg = 100 nC
Qg = 250 nC
Qg = 500 nC
5
4
1
VCC = 19 V
VEE = -9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com