Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR230LS Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBR230LS
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBR230LS Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBR230LS Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR230LS Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR230LS Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR230LS Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1466, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBR230LS
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Reverse Voltage
VR
30
V
Average Rectified Output Current
IF(AV)
2
A
Forward Voltage @IF = 0.5A,TA = 25°C
@IF = 2.0A,TA = 25°C
VFM
0.3
0.5
V
Peak Reverse Current At Rated DC Blocking Voltage
@TA = 25°C
IRM
1.0
mA
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions
Halfwave, Single Phase, 60 Hz)
IFSM
25
A
Maximum Junction Capacitance (Note 1)
Cj
170
pF
Operating Junction Temperature Range
TJ
-55 to +100
°C
Storage Temperature Range
TSTG
-55 to +100
°C
Voltage Rate of Change (rated VR, TJ=25°C)
d v/dt
10000
V/µs
Approximate Weight
wt
0.028
g
Case Style
SOD-123
Note 1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com