Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB1045CT Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBRB1045CT
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBRB1045CT Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBRB1045CT Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB1045CT Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB1045CT Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB1045CT Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB1045CT Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB1045CT Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0725, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBR1045CT
MBRB1045CT
MBR1045CT-1
D2PAK
TO-262
Dimensions in
millimeters
Symbol
Min.
Typical
Max.
A
4.55
4.70
4.85
A1
0
0.10
0.25
A2
2.59
2.69
2.89
b
0.71
0.81
0.96
b1
1.27
c
0.36
0.38
0.61
c1
1.17
1.27
1.37
D
8.55
8.70
8.85
D1
6.40
E
10.01
10.16
10.31
E1
7.6
E2
9.98
10.08
10.18
e
2.54
H
14.6
15.1
15.6
L
2.00
2.30
2.70
L1
1.17
1.27
1.40
L2
2.20
L3
0.25BSC
e
0
-
8°
e1
5°
e2
4°
e3
4°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com