Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-4200 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HCPL-4200
Description  Optically Coupled 20 mA Current Loop Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-4200 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HCPL-4200 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-4200 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-4200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-4200 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-4200 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-4200 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-4200 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-4200 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-4200 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
1-384
differences and reduction of
power supply requirements. With
this combination of HCPL-4100/
-4200 optocouplers, specific
current loop noise immunity is
provided, i.e., minimum SPACE
state current noise immunity is 1
mA, MARK state noise immunity
is 8 mA.
Voltage compliance of the current
source must be of an adequate
level for operating all units in the
loop while not exceeding 27 V dc,
the maximum breakdown voltage
for the HCPL-4100. Note that the
HCPL-4100 transmitter will allow
loop current to conduct when
input VCC power is off. Consult
the HCPL-4100 transmitter
optocoupler data sheet for
specified device performance.
For more information about the
HCPL-4100/-4200 optocouplers,
consult Application Note 1018.
Figure 22. Half Duplex Current Loop System Configurations for
(a) Point-to-Point, (b) Multidrop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com