Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB100CT Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBRB100CT
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBRB100CT Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBRB100CT Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB100CT Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB100CT Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB100CT Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB100CT Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRB100CT Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0735, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBR1080/90/100CT
MBRB1080/90/100CT
MBR1080/90/100CT-1
Marking Diagram:
Where XXXXX is YYWWL
MBR
= Device Type
B
= Package type
10
= Forward Current (10A)
80
= Reverse Voltage (80)
CT/CT-1 = Configuration
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
MBR1080CT
MBRB1080CT
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information:
Device
Package
Shipping
MBR1080CT
TO-220AB
(Pb-Free)
50pcs / tube
MBRB1080CT
D²PAK
(Pb-Free)
800pcs / reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
80
MBR1080CT
MBRB1080CT
MBR1080CT-1
90
MBR1090CT
MBRB1090CT
MBR1090CT-1
Peak Inverse Voltage
VRWM
-
100
MBR10100CT
MBRB10100CT
MBR10100CT-1
V
5(Per leg)
Max. Average Forward
IF(AV)
50% duty cycle @TC
=100
°C, rectangular wave
form
10(Per device)
A
Max. Peak One Cycle Non-
Repetitive Surge Current
(per leg)
IFSM
8.3 ms, half Sine pulse
120
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com