Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-5300 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HCPL-5300
Description  Intelligent Power Module and Gate Drive Interface Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5300 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5300 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-5300 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-5300 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-5300 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-5300 Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
1-60
Figure 27. Recommended LED Drive
Circuit for Ultra High CMR.
Figure 24. AC Equivalent Circuit for Figure 19 During
Common Mode Transients.
Figure 25. Not Recommended Open
Collector LED Drive Circuit.
Figure 26. AC Equivalent Circuit for Figure 25 During
Common Mode Transients.
Q1
+5 V
8
7
6
1
3
SHIELD
5
2
4
20 k
Ω
20 k
Ω
* THE ARROWS INDICATE THE DIRECTION OF CURRENT
FLOW FOR +dVCM/dt TRANSIENTS.
VOUT
100 pF
+
VCM
8
7
6
1
3
SHIELD
5
2
4
20
k
Ω
CLEDP
CLEDN
CLED01
CLED02
ICLEDN*
Q1
+5 V
8
7
6
1
3
SHIELD
5
2
4
20 k
Ω
20 k
Ω
* THE ARROWS INDICATE THE DIRECTION OF CURRENT
FLOW FOR +dVCM/dt TRANSIENTS.
** OPTIONAL CLAMPING DIODE FOR IMPROVED CMH
PERFORMANCE. VR < VF (OFF) DURING +dVCM/dt.
VOUT
100 pF
+
VCM
8
7
6
1
3
SHIELD
5
2
4
20
k
Ω
CLEDP
CLEDN
CLED01
CLED02
ICLEDN*
310
Ω
+ VR** –
Figure 28. Typical Application Circuit.
0.1 µF
20 k
Ω
CMOS
310
Ω
+5 V
VOUT1
I
LED1
VCC1
M
HCPL-4506
HCPL-4506
HCPL-4506
HCPL-4506
HCPL-4506
Q2
Q1
-HV
+HV
IPM
8
7
6
1
3
SHIELD
5
2
4
20 k
Ω
HCPL-4506
0.1 µF
20 k
Ω
CMOS
310
Ω
+5 V
VOUT2
I
LED2
VCC2
8
7
6
1
3
SHIELD
5
2
4
20 k
Ω
HCPL-4506



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com