Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-540X Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HCPL-540X
Description  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-540X Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HCPL-540X Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-540X Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-540X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-540X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-540X Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-540X Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-540X Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-540X Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-540X Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
1-535
GND
VCC
HCPL-5400
464
Ω
VCC1 = +5 V
TTL
LSTTL
STTL
OPEN
COLLECTOR
OUTPUT
GATE
(e.g. 54S05)
DATA
OUT
2
DATA
IN
1
GND 2
Y
0.1 µF
A
GND 1
Y = A
VCC2 = 5 V
STTL
Figure 14. Alternative HCPL-5400 Interface Circuit.
Figure 15. Recommended HCPL-5430 and HCPL-6430 Interface Circuit.
Figure 16. Alternative HCPL-5430 and HCPL-6430 Interface Circuit.
GND
VCC
HCPL-5430
464
Ω
VCC1 = +5 V
TTL
LSTTL
HCMOS
STTL
STTL OPEN COLLECTOR
OUTPUT GATE
(e.g. 54AS05)
DATA
OUT Y
DATA
IN A
GND 2
0.1 µF
GND 1
Y = A
VCC2 = +5 V
TTL
LSTTL
HCMOS
STTL
DATA
OUT Y
DATA
IN A
464
Ω
1
2
2
GND
VCC
HCPL-5430
226
Ω
VCC1 = 5 V
TOTEM POLE
OUTPUT GATE
(e.g. 54AS1000)
DATA
OUT Y
DATA
IN A
1
GND 2
0.1 µF
30 pF
GND 1
Y = A
VCC2 = +5 V
TTL
LSTTL
STTL
HCMOS
DATA
OUT Y
226
Ω
30 pF
274
Ω
274
Ω
DATA
IN A
TTL
LSTTL
STTL
HCMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com