Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-7101 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-7101
Description  High Speed CMOS Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7101 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-7101 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7101 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1-402
High Speed CMOS
Optocouplers
Technical Data
Features
• 1
µm CMOS IC Technology
• Compatibility with All +5 V
CMOS and TTL Logic
Families
• No External Components
Required for Logic Interface
• High Speed: 15 MBd
(HCPL-7100) and 50 MBd
(HCPL-7101) Guaranteed
• Low Power Consumption
• Safety Approvals
UL 1577 (3750 Vac/1 Min)
VDE 0884 (V
IORM = 848
V peak)
CSA
• 3-State Output
• 3750 Vac/1 Minute Dielectric
Withstand
• High Common Mode
Transient Immunity
Applications
• Multiplexed Data
Transmission
• Computer-Peripheral
Interface
• Microprocessor System
Interface
• Digital Isolation for A/D,
D/A Conversion
• Instrument Input/Output
Isolation
• Motor Control
• Power Inverter
Description
The HCPL-7100/7101 optocoup-
ler combines the latest CMOS IC
technology, a new high-speed
high-efficiency AlGaAs LED, and
an optimized light coupling system
to achieve outstanding perfor-
mance with very low power
consumption. It requires only two
bypass capacitors for complete
CMOS/TTL compatibility.
Basic building blocks of the
HCPL-7100/7101 are a CMOS
LED driver IC, an AlGaAs LED,
and a CMOS detector IC. A CMOS
or TTL logic input signal controls
the LED driver IC which supplies
current to the LED. The detector
IC incorporates an integrated
photodiode, a high-speed trans-
impedance amplifier and a voltage
comparator with hysteresis. The
3-state output is CMOS and TTL
compatible and is controlled by
the output enable pin, V
OE.
The HCPL-7100/7101 consumes
very little power, due to the
CMOS IC technology and the light
coupling system. The entire
optocoupler typically uses only 10
mA of supply current, including
the LED current.
World-wide safety approval and
3750 Vac/1 minute dielectric with-
stand is achieved with our
patented “light-pipe” optocoupler
packaging technology.
The HCPL-7100/7101 provides he
user with an easy-to-use CMOS or
TTL compatible optocoupler
ideally suited for a variety of
applications where high speed
and low power consumption are
desired.
HCPL-7100
HCPL-7101
Schematic
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
H
TRUTH TABLE
(POSITIVE LOGIC)
INPUT
ENABLE
OUTPUT
HH
Z
LH
Z
HL
H
LL
L
5965-3578E


Similar Part No. - HCPL-7101

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7101 HP-HCPL-7101 Datasheet
240Kb / 14P
High Speed CMOS Optocouplers
More results

Similar Description - HCPL-7101

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL7100 HP-HCPL7100 Datasheet
240Kb / 14P
High Speed CMOS Optocouplers
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
List of Unclassifed Man...
HDC135 ETC1-HDC135 Datasheet
266Kb / 2P
High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
CNW136 HP-CNW136 Datasheet
664Kb / 7P
High Speed Optocouplers
CNW136A HP-CNW136A Datasheet
755Kb / 7P
High Speed Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
High Speed Transistor Optocouplers
logo
Skyworks Solutions Inc.
OLH5500 SKYWORKS-OLH5500 Datasheet
268Kb / 6P
Hermetic High-Speed Optocouplers
June 19, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com