Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CNW4506 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # CNW4506
Description  Intelligent Power Module and Gate Drive Interface Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

CNW4506 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  CNW4506 Datasheet HTML 1Page - Agilent(Hewlett-Packard) CNW4506 Datasheet HTML 2Page - Agilent(Hewlett-Packard) CNW4506 Datasheet HTML 3Page - Agilent(Hewlett-Packard) CNW4506 Datasheet HTML 4Page - Agilent(Hewlett-Packard) CNW4506 Datasheet HTML 5Page - Agilent(Hewlett-Packard) CNW4506 Datasheet HTML 6Page - Agilent(Hewlett-Packard) CNW4506 Datasheet HTML 7Page - Agilent(Hewlett-Packard) CNW4506 Datasheet HTML 8Page - Agilent(Hewlett-Packard) CNW4506 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1-49
H
Intelligent Power Module and
Gate Drive Interface Optocouplers
Technical Data
Features
• Performance Specified for
Common IPM Applications
over Industrial Temperature
Range: -40
°C to 100°C
• Fast Maximum Propagation
Delays
tPHL = 400 ns
tPLH = 550 ns
• Minimized Pulse Width
Distortion (PWD = 450 ns)
• 15 kV/
µs Minimum Common
Mode Transient Immunity at
VCM = 1500 V
• CTR > 44% at IF = 10 mA
• Safety Approval
UL Recognized - 2500 V rms
for 1 minute (5000 V rms for
1 minute for HCNW4506 and
HCPL-4506 Option 020) per
UL1577
CSA Approved
VDE 0884 Approved
-VIORM = 630 V peak for
HCPL-4506 Option 060
-VIORM = 1414 V peak for
HCNW4506
BSI Certified (HCNW4506)
Applications
• IPM Isolation
• Isolated IGBT/MOSFET Gate
Drive
• AC and Brushless DC Motor
Drives
• Industrial Inverters
Description
The HCPL-4506 and HCPL-0466
contain a GaAsP LED while the
HCNW4506 contains an AlGaAs
LED. The LED is optically
coupled to an integrated high gain
photo detector. Minimized propa-
The connection of a 0.1
µF bypass capacitor between pins 5 and 8 is recommended.
gation delay difference between
devices make these optocouplers
excellent solutions for improving
inverter efficiency through
reduced switching dead time.
An on chip 20 k
Ω output pull-up
resistor can be enabled by short-
ing output pins 6 and 7, thus
eliminating the need for an
external pull-up resistor in
common IPM applications. Speci-
fications and performance plots
are given for typical IPM
applications.
HCPL-4506
HCPL-0466
HCNW4506
Functional Diagram
Truth Table
LED
VO
ON
L
OFF
H
8
7
6
1
3
SHIELD
5
2
4
20 k
Ω
NC
ANODE
CATHODE
NC
VCC
VL
VO
GND
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
Selection Guide
Operating Temperature
TA [°C]
Single Channel Packages
8-Pin DIP
Small Outline
Widebody
Min.
Max.
(300 Mil)
SO-8
(400 Mil)
Hermetic*
-40
100
HCPL-4506
HCPL-0466
HCNW4506
-55
125
HCPL-5300
HCPL-5301
*Technical data for these products are on separate HP publications.
5965-3603E


Similar Part No. - CNW4506

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
CNW4506 AVAGO-CNW4506 Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
More results

Similar Description - CNW4506

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4506 AVAGO-HCPL-4506 Datasheet
359Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-500E AVAGO-HCPL-0466-500E Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456 AVAGO-HCPL-J456 Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
HCPL-4506-000E AVAGO-HCPL-4506-000E Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-560E AVAGO-HCPL-0466-560E Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456-000E AVAGO-HCPL-J456-000E Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com