Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-7860 Datasheet(PDF) 21 Page - Agilent(Hewlett-Packard)

Part # HCPL-7860
Description  Isolated 15-bit A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7860 Datasheet(HTML) 21 Page - Agilent(Hewlett-Packard)

Back Button HCPL-7860 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 19Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 20Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 21Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 22Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 23Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 24Page - Agilent(Hewlett-Packard) HCPL-7860 Datasheet HTML 25Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
1-280
Conversion Mode
The conversion mode determines
the speed/resolution trade-off for
the Isolated A/D converter. The
four MSBs of registers 0 and 1
Table 4. Conversion Mode Configuration.
Configuration Data Bits
Mode
Bit 7
Bit 6
Bit 5
Bit 4
1
Low
High
Low
High
2
Low
Low
High
High
3
High
High
High
Low
4
High
High
Low
Low
5
High
Low
High
Low
Note: Bold italic type indicates default values.
determine the conversion mode
for the appropriate channel. The
bit settings for choosing a partic-
ular conversion mode are shown
in Table 4 below. See Table 2 for
a summary of how performance
changes as a function of conver-
sion mode setting. Combinations
of data bits not specified in Table
4 below are not recommended.
Conversion
0
1
2
3
Table 3. Register Configuration.
Configuration Data Bits
Address Bits
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Channel 1 Conversion Mode
Channel 1
Reserved
Offset Cal
High
High
Low
Low
Low
Low
Low
Low
Channel 2 Conversion Mode
Channel 2
Reserved
Offset Cal
High
High
Low
Low
Low
Low
Low
High
Threshold
Threshold Level
Detection Time
High
Low
Low
Low
Low
Low
High
Low
Pre-Trigger Mode
Reserved
Low
Low
Low
Low
Low
Low
High
High
Note: Bold italic type indicates default values. Reserved bits should be set low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com