Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-5231 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL-5231
Description  Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5231 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5231 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-5231 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-5231 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-5231 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5231 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5231 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5231 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-5231 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-5231 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Figure 6. Typical Propagation Delay
vs. Temperature.
Figure 7. Typical Rise, Fall Time vs.
Temperature.
Figure 3. Output Voltage vs. Forward
Input Current.
Figure 4. Typical Diode Input Forward
Characteristic.
GND
VCC
IF
5 V
D.U.T.
619
Ω
INPUT
MONITORING
NODE
PULSE GEN.
tr = tf = 5 ns
t = 100 kHz
10 % DUTY
CYCLE
CL=
15 pF
THE PROBE AND JIG CAPACITANCES
ARE INCLUDED IN CL.
VO
VE
OUTPUT VO
MONITORING
NODE
VCC
Rf
D1
D2
5 K
D3
D4
Figure 5. Test Circuit for t
PLH
, t
PHL
, t
r
, and t
f
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com