Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-1014 Datasheet(PDF) 29 Page - Agilent(Hewlett-Packard)

Part # HDMP-1014
Description  4Low Cost Gigabit Rate Transmit/Receive Chip Set
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1014 Datasheet(HTML) 29 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1014 Datasheet HTML 25Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 26Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 27Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 28Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 29Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 30Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 31Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 32Page - Agilent(Hewlett-Packard) HDMP-1014 Datasheet HTML 33Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
601
The lock detect circuit samples
STRBIN with phase shifted
versions of STRBOUT. If the
samples are not the proper
values, the LOCKED signal goes
low and stays low for at least two
frames.
Rx Operation Principles
The HDMP-1014 (Rx) is
monolithically implemented in a
high performance 25 GHz ft
bipolar process. When properly
configured, the Rx can accept
20B/24B CIMT line code frames,
and then output parallel 16B/17B/
20B/21B Data Word or 14B/18B
Control Word. The Rx provides
the following functions for link
operation:
• Clock recovery
• Frame synchronization
• Data recovery
• Demultiplexing
• Frame decoding
• Frame error detection
• Link state control
Rx Encoding
Figure 5 shows a simplified block
diagram of the receiver. The data
path consists of an Input Select,
an Input Sampler, a Frame
Demultiplexer, a Control Field (C-
Field) Decoder, and a Data Field
(D-Field) Decoder. An on-chip
phase-locked loop (PLL) is used
to extract timing reference from
the serial input (DIN or LIN). The
PLL includes a Phase-Frequency
Detector, a Loop Filter, and a
variable-frequency oscillator
(VCO). All the RX internal clock
signals are generated from a
Clock Generator. The Clock
Generator can be driven either by
internal VCO or external signal,
TCLK, depending on the Clock
Select configuration.
Integrated on the chip is a Link-
Control State Machine for link
status monitoring and link
startup. Figure 13 shows the
details of the Input Select. The
Input Select chooses either
nominal serial data (DIN) or
loopback (LIN) signal for the
Input Sampler’s input. If loopback
enable (LOOPEN) is asserted, the
LIN input is selected. Also
included in the Input Selector is
cable equalization circuitry. When
coaxial cable is used as the
transmission media, by setting
EQEN=1 (enable equalization),
the equalization circuitry is in the
DIN signal path and can
compensate for high-frequency
cable loss.
Because the Data Field of the
CIMT line code can be either 16-
bit or 20-bit wide, the width
selection for Rx is made by
setting the input pin M20SEL
(Figure 5). If M20SEL=1, then
the Rx is configured to accept
serial input with 20-bit data field,
i.e., 24 bits per frame. If M20SEL
= 0, 16-bit data field is selected.
HDMP-1014 (Rx) Phase-
Locked Loop
A more detailed block diagram for
the Rx phase-locked loop (PLL) is
shown in Figure 14. In the PLL,
the phase of the serial input, SIN,
is compared with synchronizing
signals from the internal clock
generator, using either a phase
detector or a frequency detector.
The frequency detector disable
signal, FDIS, selects which
detector to use. If synchronization
in a link is not yet established, the
HDMP-1012 (Tx) should send out
Fill Frame 0 (FF0) or Fill Frame 1
(FF1) to the remote Rx. By
setting FDIS=0, the Rx uses
Figure 13. HDMP-1014 (Rx) Input Selector.
CABLE EQ
1
0
EQEN
1
0
SIN
DIN
LIN
LOOPEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com