Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-1526 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HDMP-1526
Description  Fibre Channel Transceiver Chip
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1526 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1526 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-1526 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-1526 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-1526 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-1526 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-1526 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDMP-1526 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HDMP-1526 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HDMP-1526 Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
694
Transceiver Package
Information
The HDMP-1526 is constructed
of a single integrated circuit
packaged in a 14x14 mm
EDQuad package. This package
was designed to provide
enhanced power dissipation, thus
allowing for smaller package
dimensions. The package
conforms to the industry standard
JEDEC land pattern for 14x14
mm devices. As shown in Figure
12, the die is attached to a
copper heatsink using thermally
conductive epoxy. This allows for
the power dissipated by the IC to
be directly connected to the
ambient environment, thereby
minimizing the
Θjc of the device.
Figure 12. Power Supply Bypass.
RXCAP0
VCC_RXTTL
VCC_RXTTL
TOP VIEW
GND_RXTTL
GND_TXTTL
VCC_TXTTL
VCC_TXTTL
GND_TXTTL
GND_TXA
TXCAP0
* SUPPLY VOLTAGE INTO VCC_RXA AND VCC_TXA SHOULD
BE FROM A LOW NOISE SOURCE. ALL BYPASS CAPACITORS
ARE 0.1 µF. THE PLL FILTER CAPACITORS ARE 0.01 µF.
VCC
VCC
VCC
VCC*
VCC
VCC
VCC
GND_RXTTL
VCC
CPLLT
VCC*
VCC
VCC
VCC
VCC
CPLLR
Transceiver Power
Supply Bypass and Loop
Filter Capacitors
Bypass capacitors should be
liberally used and placed as close
as possible to the appropriate
power supply pins of the HDMP-
1526 as shown on the schematic
of Figure 11. All bypass chip
capacitors are 0.1
µF. The
VCC_RXA and VCC_TXA pins are
the analog power supply pins for
the PLL sections. The voltage into
these pins should be clean with
minimum noise. The PLL loop
filter capacitors and their pin
locations are also shown on
Figure 11. Notice that only two
capacitors are required: CPLLT for
the transmitter and CPLLR for the
receiver. Nominal capacitance is
0.01
µF. The voltage across the
capacitors is on the order of 1
volt, so the capacitor can be a
low voltage type and physically
small. The PLL capacitors are
placed physically close to the
appropriate pins on the HDMP-
1526. Keeping the lines short will
prevent them from picking up
stray noise from surrounding
lines or components.
COPPER HEATSINK
NICKEL PLATING
CERAMIC
LEAD
DIE
WIRE BOND
Figure 13. Package Cross Section of HDMP-1526.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com