Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB511 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SB511
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SB511 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SB511 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB511 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB511 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JMnic
Product Specification
Silicon PNP Power Transistors
2SB511
DESCRIPTION
・
・With TO-220C package
・Complement to type 2SD325
・Low collector saturation voltage
APPLICATIONS
・Designed for use in low frequency
power amplifier applications
PINNING
PIN
DESCRIPTION
1
Emitter
2
Collector;connected to
mounting base
3
Base
Absolute maximum ratings(Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
-35
V
VCEO
Collector-emitter voltage
Open base
-35
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current (DC)
-1.5
A
ICM
Collector current -peak
-3.0
A
Ta=25℃
1.75
PC
Collector dissipation
TC=25℃
10
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-50~150
℃
Fig.1 simplified outline (TO-220) and symbol


Similar Part No. - 2SB511

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SB511 ETC-2SB511 Datasheet
48Kb / 1P
LOW FREQUENCY POWER AMP APPLICATIONS
logo
Savantic, Inc.
2SB511 SAVANTIC-2SB511 Datasheet
93Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB511 JMNIC-2SB511 Datasheet
160Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB511 ISC-2SB511 Datasheet
136Kb / 3P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SB511 NJSEMI-2SB511 Datasheet
125Kb / 2P
Silicon PNP Power Transistor
More results

Similar Description - 2SB511

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com