Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS1550L Datasheet(PDF) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # PS1550L
Description  High current capability, low forward voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

PS1550L Datasheet(HTML) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  PS1550L Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED PS1550L Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED PS1550L Datasheet HTML 3Page - MAKO SEMICONDUCTOR CO.,LIMITED PS1550L Datasheet HTML 4Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fig-4. Operating Temperature Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
Fig-2. Typical Reverse Characteristics
Fig-1. Typical Forward Characteristics
TA, AMBIENT TEMPERATURE (℃)
Fig-3. Forward Current Derating Curve
Average Forward Current, IF(AV)(A)
Fig-5. Total Capacitance VS. Reverse Voltage
VR, DC REVETSE VOLTAGE (V)
1550 TO-277B
1
5A, 50V 贴片肖特基整流二极管 规格书
Low VF Schottky Rectifier SMD
4008-378-873
2
MAKO Semiconductor Co., Limited
2/4
http://
www.makosemi.hk/



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com