Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST201604 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST201604
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST201604 Datasheet(HTML) 1 Page - E-SWITCH

  ST201604 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
200MDP1T2B1M6REH
2:1
8/8/2011
ST201604
B
BGL
1
1
1
4
2
5
3
6
1
4
WITH STANDARD
LOCKING RING
PANEL MOUNTING
WITHOUT LOCKING
RING
6
5
PCB MOUNTING
4
3
2
1
4.93
[.194 in]
8.13
[.320 in]
9.14
[.360 in]
25
~
POS. 3
POS. 1
2
31
POS. 1
N / A
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3, 5-6
N/A
2-1, 5-4
A
20088
RELEASED FOR PRODUCTION
8/8/11
BGL
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4VA MAX. @20V AC OR DC.
6. ELECTRIC LIFE: 30,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10. 2002/95/EC (ROHS) COMPLIANT
11.
DENOTES CRITICAL PARAMETER.
12. HARDWARE TO BE SUPPLIED IN BULK
T200000-LOCK WASHER QTY. 1
T200002-LOCK RING
QTY. 1
T200001-HEX NUT
QTY. 2
RATING ON
OPPOSITE SIDE
CIRCUIT: DPDT
2.54
[.100 in]
5
64
5.59
[.220 in]
.92
[.036 in]
5.08
[.200 in]
n6.00
[.236 in]
FLAT
4.39
[.173 in]
3.30
[.130 in]
.51
[.020 in]
.76
[.030 in]
.51
[.020 in]
2.54
[.100 in]
EPOXY SEAL
10-48 UNS - 2A
2.54
[.100 in]
.76
[.030 in]
5.08
[.200 in]
4.01
[.158 in] .41
[.016 in]
n4.95
[.195 in]
n2.38
[.094 in]
6.10
[.240 in]
n4.95
[.195 in]
4.55
[.179 in]
n1.09
[.043 in]
2.54
[.100 in]
5.08
[.200 in]
2.54
[.100 in]
B
B
B
20095
CORRECT FUNCTION CHART
08/12/11
BMA


Similar Part No. - ST201604

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST201602 E-SWITCH-ST201602 Datasheet
64Kb / 1P
ALL DIMENSIONS IN MM [INCH]
logo
Hammond Manufacturing L...
ST201608SS HAMMOND-ST201608SS Datasheet
112Kb / 3P
Armoire murale en acier inoxydable de type 4X avec toit incline
ST201608SS HAMMOND-ST201608SS Datasheet
146Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - ST201604

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com