Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLI5968 Datasheet(PDF) 3 Page - STMicroelectronics

Part # FLI5968
Description  Multi-function LCD monitor controllers up to WUXGA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLI5968 Datasheet(HTML) 3 Page - STMicroelectronics

  FLI5968 Datasheet HTML 1Page - STMicroelectronics FLI5968 Datasheet HTML 2Page - STMicroelectronics FLI5968 Datasheet HTML 3Page - STMicroelectronics FLI5968 Datasheet HTML 4Page - STMicroelectronics FLI5968 Datasheet HTML 5Page - STMicroelectronics FLI5968 Datasheet HTML 6Page - STMicroelectronics FLI5968 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FLI5962, FLI5962H, FLI5968H, FLI5928H
Feature attributes
Doc ID 15018 Rev 2
3/7
2
Feature attributes
●
Dual analog input
–
Operation up to 205 MHz
–
Dual RGB inputs
–
Single RGB and single YPbPr up to 1080i inputs
–
Bi-level and tri-level analog sync support and Macrovision™ support
–
Dual HSYNC, VSYNC, and SOG inputs
●
Ultra-Reliable DVI/HDMI 1.1 input
–
HDMI 1.1, DVI 1.0, and HDCP 1.1—operates up to 165 MHz
–
Receives and outputs 2 to 8 channels of digital audio up to 192 KHz. Four
programmable I2S and one SPDIF output
●
Digital video input
–
ITU656 video input support for commercially available video decoder
–
ITU601 (16-bit) video input support for external MPEG2 decoder, DVI Rx, and
ADC
●
High quality advanced scaling engine
–
Independent and programmable horizontal and vertical scaling factors
–
Panoramic scaling (non-linear)
–
Variable sharpness settings
●
Picture-in-Picture (PIP)
–
Variable PIP window size up to 640 x 480
–
Video PIP on Graphics or Graphics PIP on Video
–
Independent PIP window color controls
●
Frame rate conversion
–
16-bit/32-bit data path to support single or dual 1Mx16 SDR SDRAM
–
Full frame rate conversion up to SXGA 75 Hz
●
Faroudja video processing and color control
–
MADi for SDTV
–
Inverse 3:2/ 2:2 pull down for film mode detection for SDTV
–
DCDi Edge processing for SDTV
–
Temporal Noise Reduction (TNR) up to 720p
–
Cross color reduction
–
Faroudja TrueLife horizontal enhancement
–
ACC, ACM-II, and ACM-3D
●
Response time compensation
–
Compensates motion blur that results from slow response time of LCD panels—
resulting in motion image that is clean and crisp
●
OSD controller
–
Up to 4 windows
–
1, 2, or 4-bits per pixel color
–
Blinking, transparency, blending, and proportional fonts support



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com