Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSDBK Datasheet(PDF) 2 Page - ITT Industries

Part # FSDBK
Description  Chassis or panel mount
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

FSDBK Datasheet(HTML) 2 Page - ITT Industries

  FSDBK Datasheet HTML 1Page - ITT Industries FSDBK Datasheet HTML 2Page - ITT Industries FSDBK Datasheet HTML 3Page - ITT Industries FSDBK Datasheet HTML 4Page - ITT Industries FSDBK Datasheet HTML 5Page - ITT Industries FSDBK Datasheet HTML 6Page - ITT Industries FSDBK Datasheet HTML 7Page - ITT Industries FSDBK Datasheet HTML 8Page - ITT Industries FSDBK Datasheet HTML 9Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
A–100
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K NE-18 Series
Mains / Power Switches
Style
F01 FMR
F02 FG*
F12 FSC
F13 FSD
F14 FU12
F15 FSB
F16 FE
F19 FA
F21 F001
Button Color
01 Black
02 White
03 Red
04 Light gray
Order Code - Buttons
Solid Buttons
Mechanical Indicator Buttons
Style
F01 FA100
F02 FA101
F07 FA120
F08 FA2O1
F11 FA200*
Shell Color
01 Black
Out Position Color
01 Black
In Position Color
02 White
06 Yellow
07 Blue
08 Green
12 Orange
*Button options for central mounting configurations,
use ‘FG’ for central mount with chrome dress nut,
use ‘FA200’ for central mount with black dress nut.
BUTTON REMOVAL
A button of a push-push switch should only be
removed in the “OFF” non-latching position.
A
(A)
(R)
(R)
P
1
P
2
(A)
0.394
(10)
0.494
(12,55)
NE18 2U
DESIGNATION & SWITCHES WITH STANDARD OPTIONS
NE1838EE
0.7
(17,8)
1.09
(27,8)
0.406
(21,4)
0.335
(8,5)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com