Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA64A Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATMEGA64A
Description  8-bit Atmel Microcontroller with 64KB In-System Programmable Flash
PDF  395 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA64A Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATMEGA64A Datasheet HTML 17Page - ATMEL Corporation ATMEGA64A Datasheet HTML 18Page - ATMEL Corporation ATMEGA64A Datasheet HTML 19Page - ATMEL Corporation ATMEGA64A Datasheet HTML 20Page - ATMEL Corporation ATMEGA64A Datasheet HTML 21Page - ATMEL Corporation ATMEGA64A Datasheet HTML 22Page - ATMEL Corporation ATMEGA64A Datasheet HTML 23Page - ATMEL Corporation ATMEGA64A Datasheet HTML 24Page - ATMEL Corporation ATMEGA64A Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 395 page
background image
21
ATmega64A [DATASHEET]
8160D–AVR–02/2013
• A15:8: High-order address bus (configurable number of bits).
• ALE: Address latch enable.
•RD: Read strobe.
•WR: Write strobe.
The control bits for the External Memory Interface are located in three registers, the MCU Control Register –
MCUCR, the External Memory Control Register A – XMCRA, and the External Memory Control Register B –
XMCRB.
When the XMEM interface is enabled, the XMEM interface will override the setting in the Data Direction Registers
that corresponds to the ports dedicated to the XMEM interface. For details about the port override, see the alter-
nate functions in section “I/O Ports” on page 65. The XMEM interface will auto-detect whether an access is internal
or external. If the access is external, the XMEM interface will output address, data, and the control signals on the
ports according to Figure 8-6 (this figure shows the wave forms without wait states). When ALE goes from high-to-
low, there is a valid address on AD7:0. ALE is low during a data transfer. When the XMEM interface is enabled,
also an internal access will cause activity on address-, data- and ALE ports, but the RD and WR strobes will not
toggle during internal access. When the external memory interface is disabled, the normal pin and data direction
settings are used. Note that when the XMEM interface is disabled, the address space above the internal SRAM
boundary is not mapped into the internal SRAM. Figure 8-5 illustrates how to connect an external SRAM to the
AVR using an octal latch (typically 74 x 573 or equivalent) which is transparent when G is high.
8.5.4
Address Latch Requirements
Due to the high-speed operation of the XRAM interface, the address latch must be selected with care for system
frequencies above 8 MHz @ 4V and 4 MHz @ 2.7V. When operating at conditions above these frequencies, the
typical old style 74HC series latch becomes inadequate. The external memory interface is designed in compliance
to the 74AHC series latch. However, most latches can be used as long they comply with the main timing parame-
ters. The main parameters for the address latch are:
• D to Q propagation delay (t
pd).
• Data setup time before G low (t
su).
• Data (address) hold time after G low (
th).
The external memory interface is designed to guaranty minimum address hold time after G is asserted low of t
h = 5
ns (refer to t
LAXX_LD/tLLAXX_ST in Table 29-8 to Table 29-15 on page 315). The D to Q propagation delay (tpd) must be
taken into consideration when calculating the access time requirement of the external component. The data setup
time before G low (t
su) must not exceed address valid to ALE low (tAVLLC) minus PCB wiring delay (dependent on
the capacitive load).
Figure 8-5.
External SRAM Connected to the AVR
D[7:0]
A[7:0]
A[15:8]
RD
WR
SRAM
DQ
G
AD7:0
ALE
A15:8
RD
WR
AVR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com