Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SACK2S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SACK2S
Description  RJ45 Coupler - CAT6, Shielded, Panel Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SACK2S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SACK2S Datasheet HTML 1Page - List of Unclassifed Manufacturers SACK2S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
Naveen 18/09/09
18/09/09
02/10/09
Jagan
Farnell
RELEASED
SACK2S
This data sheet and its contents (the "Information") belong to the Premier Farnell Group
(the "Group") or are licensed to it. No licence is granted for the use of it other than for
information purposes in connection with the products to which it relates. No licence
of any intellectual property rights is granted. The Information is subject to change with-
out notice and replaces all data sheets previously supplied. The Information supplied is
believed to be accurate but the Group assumes no responsibility for its accuracy or
completeness, any error in or omission from it or for any use made of it. Users of this
data sheet should check for themselves the Information and the suitability of the prod-
ucts for their purpose and not make any assumptions based on information included or
omitted. Liability for loss or damage resulting from any reliance on the Information or
use of it (including liability resulting from negligence or where the Group was aware of
the possibility of such loss or damage arising) is excluded. This will not operate to limit
or restrict the Group's liability for death or personal injury resulting from its negligence.
SPC pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2009.
TOLERANCES:
DRAWN BY:
Naveen
Jagan
Farnell
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
18/09/09
DATE:
SIZE
SCALE: NTS
U.O.M.: mm
SHEET:
1
OF 2
DWG NO.
ELECTRONIC FILE
REV
A
18/09/09
A
DATE:
02/10/09
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
1761168-DWG
RJ45 Coupler - CAT6, Shielded, Panel Mount
Dimensions : Millimetres
Features:
• RJ45 complies with FCC part 68 standard.
• Jack insertion life >750 mating cycles.
• IDC insertion life >250 mating cycles.
• Operating temperature : -40°C to +60°C.


Similar Part No. - SACK2S

ManufacturerPart #DatasheetDescription
logo
TUK Ltd
SACK2DPM TUK-SACK2DPM Datasheet
1Mb / 3P
D UNIVERSAL RANGE
SACK2DPM TUK-SACK2DPM Datasheet
2Mb / 4P
D UNIVERSAL RANGE
February, 2016
SACK2WHPM TUK-SACK2WHPM Datasheet
1Mb / 3P
PANEL MOUNT CONNECTORS RANGE
More results

Similar Description - SACK2S

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N252012 TRIPPLITE-N252012 Datasheet
475Kb / 2P
12-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel 568B, RJ45 Ethernet
N254024 TRIPPLITE-N254024 Datasheet
477Kb / 2P
24-Port 1U Rack-Mount Cat6/Cat5 Feedthrough Patch Panel, RJ45 Ethernet
N254024SH TRIPPLITE-N254024SH Datasheet
476Kb / 2P
24-Port 1U Rack-Mount STP Shielded Cat6 /Cat5 Feedthrough Patch Panel, RJ45 Ethernet
logo
List of Unclassifed Man...
FMT1081 ETC2-FMT1081 Datasheet
174Kb / 1P
Panel Mount Modular Coupler Un-Shielded, RJ45 - Black
FMT1080 ETC2-FMT1080 Datasheet
170Kb / 1P
Panel Mount Modular Coupler
logo
Tripp Lite. All Rights ...
N234-001-SH TRIPPLITE-N234-001-SH Datasheet
161Kb / 3P
Cat6 Straight-Through Modular Shielded Compact In-Line Coupler (RJ45 F/F), TAA
N235-001-SH TRIPPLITE-N235-001-SH Datasheet
158Kb / 2P
Cat6 Straight Through Modular Shielded In-line Snap-in Coupler (RJ45 F/F), TAA
N252-024-HU-SHK TRIPPLITE-N252-024-HU-SHK Datasheet
158Kb / 2P
Cat5e/Cat6 24-Port Patch Panel - Shielded, Krone IDC, 568A/B, RJ45 Ethernet, 0.5U Rack-Mount, TAA
N252-024-SH-K TRIPPLITE-N252-024-SH-K Datasheet
159Kb / 2P
Cat5e/Cat6 24-Port Patch Panel - Shielded, Krone IDC, 568B, RJ45 Ethernet, 1U, TAA
N252-048-SH-K TRIPPLITE-N252-048-SH-K Datasheet
161Kb / 2P
Cat5e/Cat6 48-Port Patch Panel - Shielded, Krone IDC, 568A/B, RJ45 Ethernet, 1U Rack-Mount, TAA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com