Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY5 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATTINY5
Description  Atmel 8-bit AVR Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY5 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATTINY5_14 Datasheet HTML 17Page - ATMEL Corporation ATTINY5_14 Datasheet HTML 18Page - ATMEL Corporation ATTINY5_14 Datasheet HTML 19Page - ATMEL Corporation ATTINY5_14 Datasheet HTML 20Page - ATMEL Corporation ATTINY5_14 Datasheet HTML 21Page - ATMEL Corporation ATTINY5_14 Datasheet HTML 22Page - ATMEL Corporation ATTINY5_14 Datasheet HTML 23Page - ATMEL Corporation ATTINY5_14 Datasheet HTML 24Page - ATMEL Corporation ATTINY5_14 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 170 page
background image
21
ATtiny4/5/9/10 [DATASHEET]
8127F–AVR–02/2013
6.5
Register Description
6.5.1
CLKMSR – Clock Main Settings Register
• Bit 7:2 – Res: Reserved Bits
These bits are reserved and always read zero.
• Bit 1:0 – CLKMS[1:0]: Clock Main Select Bits
These bits select the main clock source of the system. The bits can be written at run-time to switch the source of
the main clock. The clock system ensures glitch free switching of the main clock source.
The main clock alternatives are shown in Table 6-3.
To avoid unintentional switching of main clock source, a protected change sequence must be followed to change
the CLKMS bits, as follows:
1.
Write the signature for change enable of protected I/O register to register CCP
2.
Within four instruction cycles, write the CLKMS bits with the desired value
6.5.2
OSCCAL – Oscillator Calibration Register
.
• Bits 7:0
– CAL[7:0]: Oscillator Calibration Value
The oscillator calibration register is used to trim the calibrated internal oscillator and remove process variations
from the oscillator frequency. A pre-programmed calibration value is automatically written to this register during
chip reset, giving the factory calibrated frequency as specified in Table 16-2, “Calibration Accuracy of Internal RC
Oscillator,” on page 117.
The application software can write this register to change the oscillator frequency. The oscillator can be calibrated
to frequencies as specified in Table 16-2, “Calibration Accuracy of Internal RC Oscillator,” on page 117. Calibration
outside the range given is not guaranteed.
The CAL[7:0] bits are used to tune the frequency of the oscillator. A setting of 0x00 gives the lowest frequency, and
a setting of 0xFF gives the highest frequency.
Bit
765
432
1
0
0x37
–
–
–
–
–
–
CLKMS1
CLKMS0
CLKMSR
Read/Write
R
R
R
R
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 6-3.
Selection of Main Clock
CLKM1
CLKM0
Main Clock Source
0
0
Calibrated Internal 8 MHzOscillator
0
1
Internal 128 kHz Oscillator (WDT Oscillator)
1
0
External clock
11
Reserved
Bit
765
432
1
0
0x39
CAL7
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
OSCCAL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
X
X
X
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com