Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24CS02 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT24CS02
Description  Factory Programmed 128-bit Serial Number
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24CS02 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT24CS02_14 Datasheet HTML 15Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 16Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 17Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 18Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 19Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 20Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 21Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 22Page - ATMEL Corporation AT24CS02_14 Datasheet HTML 23Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
AT24CS01/02 [DATASHEET]
Atmel-8815D-SEEPROM-AT24CS01-02-Datasheet_082014
14.4 5TS1 — 5-lead SOT23
DRAWING NO.
REV.
TITLE
GPC
Package Drawing Contact:
packagedrawings@atmel.com
5TS1
D
5/31/12
5TS1, 5-lead 1.60mm Body, Plastic Thin
Shrink Small Outline Package (Shrink SOT)
TSZ
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
-
-
1.00
A1
0.00
-
0.10
A2
0.70
0.90
1.00
c
0.08
-
0.20
3
D
2.90 BSC
1,2
E
2.80 BSC
1,2
E1
1.60 BSC
1,2
L1
0.60 REF
e
0.95 BSC
e1
1.90 BSC
b
0.30
-
0.50
3,4
1. Dimension D does not include mold flash, protrusions or gate burrs. Mold flash,
protrusions or gate burrs shall not exceed 0.15 mm per end. Dimension E1 does
not include interlead flash or protrusion. Interlead flash or protrusion shall not
exceed 0.15 mm per side.
2. The package top may be smaller than the package bottom. Dimensions D and E1
are determined at the outermost extremes of the plastic body exclusive of mold
flash, tie bar burrs, gate burrs and interlead flash, but including any mismatch
between the top and bottom of the plastic body.
3. These dimensions apply to the flat section of the lead between 0.08 mm and 0.15
mm from the lead tip.
4. Dimension "b" does not include dambar protrusion. Allowable dambar protrusion
shall be 0.08 mm total in excess of the "b" dimension at maximum material
condition. The dambar cannot be located on the lower radius of the foot. Minimum
space between protrusion and an adjacent lead shall not be less than 0.07 mm.
This drawing is for general information only. Refer to JEDEC
Drawing MO-193, Variation AB for additional information.
5
4
2
L1
L
C
END VIEW
C
A
A2
A1
b
e
PLANE
SEATING
D
SIDE VIEW
E
e1
E1
3
1
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com