Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA-12063 Datasheet(PDF) 21 Page - Agilent(Hewlett-Packard)

Part # INA-12063
Description  1.5 GHz Low Noise Self-Biased Transistor Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

INA-12063 Datasheet(HTML) 21 Page - Agilent(Hewlett-Packard)

Back Button INA-12063 Datasheet HTML 16Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 17Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 18Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 19Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 20Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 21Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 22Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 23Page - Agilent(Hewlett-Packard) INA-12063 Datasheet HTML 24Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
6-136
Appendix A - Touchstone Circuit File.
! Hewlett-Packard CMCD
!
Bob Myers
20 Sept 1996
!
! HP Touchstone circuit file
! INA-12063 Single Stage LNA
!
fc = 900 MHz, Vc = 3.0 V, Ic = 2.5 mA
!
Input Matched for NF
DIM
FREQ GHZ
RES
OH
CAP
PF
IND
NH
LNG
IN
ANG
DEG
VAR
! Input match
L1#
0
12.6477
20
A1#
0
0.201808
0.4
! Length of MLOC
!
C1#
0
0.636904
10
! Output match
L2#
0
9.25249
20
C2#
0
2.56665
10
CKT
MSUB
ER=4.8
H=0.031
T=0.001
RHO=1
RGH=0
MLIN
1
2
W=0.056
L=0.300
CAP
2
3
C=300
! Input DC block
MLIN
3
4
W=0.056
L=0.100
IND
4
5
L^L1
! L1 in Input match
MLOC
5
W=0.04
L^A1
! Z1 in Input match
!
CAP
5
0
C^C1
! Alternate shunt C
MLIN
5
6
W=0.04
L=0.020
S2P
6
7
8
C:\SPARA\A120633B.S2P
RES
7
0
R=9100
! R1 bias resistor
MLIN
8
9
W=0.020
L=0.035
! Z2 in RF ground
VIA
9
0
D1=0.025
D2=0.025
H=0.031
T=0.0015
W=0.04
MLIN
7
10
W=0.06
L=0.100
RES
10
12
R=330
! R2 Stabilizing R
MLIN
10
11
W=0.056
L=0.065
IND
11
12
L^L2
! L2 in Output match
MLIN
11
15
W=0.056
L=0.050
CAP
12
13
C=300
! Bypass C
MLIN
13
14
W=0.050
L=0.020
VIA
14
0
D1=0.025
D2=0.025
H=0.031
T=0.001
W=0.04
CAP
15
16
C^C2
! C2 in Output match
MLIN
16
17
W=0.056
L=0.300
DEF2P
1
17
INA12
TERM
Z0 = 50
OUT
INA12
NF
GR3
INA12
DB[S21]
GR1
INA12
DB[S11]
GR2
INA12
DB[S22]
GR2
INA12
DB[GMAX]
GR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com