Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTA5N60P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTA5N60P
Description  PolarHV Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTA5N60P Datasheet(HTML) 4 Page - IXYS Corporation

  IXTA5N60P Datasheet HTML 1Page - IXYS Corporation IXTA5N60P Datasheet HTML 2Page - IXYS Corporation IXTA5N60P Datasheet HTML 3Page - IXYS Corporation IXTA5N60P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTA 5N60P
IXTP 5N60P
Fig. 11. Capacitance
1
10
100
1000
10000
0
5
10
15
20
25
30
35
40
V D S - V olts
C iss
C oss
C rss
f = 1MH z
Fig. 10. Gate Char ge
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
101214
16
Q G - nanoCoulombs
VDS = 300V
ID = 2.5A
IG = 10m A
Fig. 7. Input Adm ittance
0
1
2
3
4
5
6
44.5
55.5
6
6.5
7
V G S - V olts
TJ = 125º C
25
º C
-40
º C
Fig. 8. Tr ans conductance
0
1
2
3
4
5
6
7
8
9
01
234
56
I D - A mperes
T J = -40º C
25 º C
125 º C
Fig. 9. Sour ce Cur r e nt vs .
Sour ce -To-Dr ain V oltage
0
2
4
6
8
10
12
14
0.5
0.6
0.7
0.8
0.9
V S D - V olts
TJ = 125º C
TJ = 25º C
Fig. 12. M axim um Tr ans ie nt The r m al
Resistance
0.01
0.10
1.00
10.00
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com