Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC3300-ST Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # LSC3300-ST
Description  14 Pin DIL Uncooled Laser Modules
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC3300-ST Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  LSC3300-ST Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC3300-ST Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC3300-ST Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC3300-ST Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC3300-ST Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC3300-ST Datasheet HTML 6Page - Agilent(Hewlett-Packard) LSC3300-ST Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
481
LSC3X00 Pin Connections and Block Diagram
Top View
LSC3X00 Mechanical Outline - Dimensions in mm
14 NOT CONNECTED
13 NOT CONNECTED
12 NOT CONNECTED
11 NOT CONNECTED
10 LASER ANODE (+), GROUND
9 LASER CATHODE (-)
8 MONITOR PHOTODIODE ANODE (-ve SUPPLY)
NOT CONNECTED 1
NOT CONNECTED 2
NOT CONNECTED 3
NOT CONNECTED 4
CASE GROUND 5
NOT CONNECTED 6
MONITOR PHOTODIODE CATHODE (+ve SUPPLY) 7
FIBER PIGTAIL
B C
A
R
Q
L
N
F
E
P
G
H
K
J
D
M
DIM.
MIN.
MAX.
A
B
C
D
E
F
G
H
12.6
19.05 NOM.
25.3
6.4
–
21.33
7.01
9.40
12.8
25.5
6.8
6.0
21.53
7.21
9.60
ALL DIMENSIONS IN MILLIMETERS
DIM.
MIN.
MAX.
J
K
L
M
N
P
Q
R
5.5
2.52 NOM.
25.0 NOM.
–
800
1.5
0.99
7.62 NOM.
5.9
4.2
–
1.8
1.05



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com