Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC3100-SC Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # LSC3100-SC
Description  14 Pin DIL Uncooled Laser Modules
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC3100-SC Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  LSC3100-SC Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC3100-SC Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC3100-SC Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC3100-SC Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC3100-SC Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC3100-SC Datasheet HTML 6Page - Agilent(Hewlett-Packard) LSC3100-SC Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
480
14 Pin DIL Uncooled Laser
Modules
Technical Data
LSC3X00
Features
• Low Cost Plastic Package
(14 Pin DIL)
• LSC3300: 100
µW (-10 dBm)
Min. Power Output
LSC3100: 1 mW (0 dBm)
Min. Power Output
• 1280 - 1330 nm Wavelength
• Hermetic Laser Module
• -40
°C to +85°C Operation
Applications
• Telecommunications
• Local Area and Metropolitan
Area Networks
• Point to Point
Datacommunications
• Fiber Optic Sensors
• Cable Television
• Military Communications
and Control Systems
• Instrumentation
Description
LSC3X00 laser modules are high
reliability fiber optic light sources
operating in the 1300 nanometer
band. They are particularly well
suited for applications where low
power dissipation is required.
The internal semiconductor lasers
are based upon InGaAsP buried
heterostructure (BH) technology
and fabricated by the Metal-
Organic Vapor Phase Epitaxy
(MOVPE) process, resulting in
long lifetimes and modest
threshold currents.
The LSC3X00 package includes a
photodiode for monitoring the
laser output. A longhorn type
heatsink mounting flange is
incorporated in the industry
standard 14 pin DIL package.
Two basic varieties are offered
for alternative power ranges. The
“low power” LSC3300 covers the
power range between 100
µW
and 625
µW. The “high power”
LSC3100 uses the same laser
chip, but with tighter fiber
coupling to achieve output
powers from 1 mW to 2.5 mW.
The low cost outer package is
made feasible by our unique
design of hermetic miniature
laser submodule which houses
the electro-optic devices. The
submodule concept is used as a
building block in many other
Hewlett-Packard products
including cooled 1 mW 14 pin
lasers and DFB modules.
Laser Safety Warning
This device is a Class IIIb (3b) Laser Product. It may emit invisible laser radiation if operated with the fiber pigtail disconnected. To avoid
possible eye damage do not look into an unconnected fiber pigtail during laser operation. Do not exceed specified operating limits.
5963-1125E (7/94)


Similar Part No. - LSC3100-SC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LSC320AN10 SAMSUNG-LSC320AN10 Datasheet
2Mb / 34P
The information described in this specification is preliminary and can be changed without prior notice
logo
Dialight Corporation
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX Datasheet
122Kb / 2P
SafeSite Series LED Linear Fixture
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX_12 Datasheet
177Kb / 2P
SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
LSC3C4M3GEX DIALIGHT-LSC3C4M3GEX Datasheet
122Kb / 2P
SafeSite Series LED Linear Fixture
logo
Honeywell Solid State E...
LSC3K HONEYWELL-LSC3K Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results

Similar Description - LSC3100-SC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
LSC2110-622 HP-LSC2110-622 Datasheet
111Kb / 6P
2.5 mW 14 Pin DIL Cooled Laser Module
LSCX110 HP-LSCX110 Datasheet
156Kb / 8P
1 mW 14 Pin DIL Cooled Laser Modules
logo
EUROQUARTZ limited
EM15S EUROQUARTZ-EM15S Datasheet
107Kb / 1P
Clipped Sinewave 14 pin DIL
GDF14 EUROQUARTZ-GDF14 Datasheet
89Kb / 1P
14 pin DIL VCXO
GPA14 EUROQUARTZ-GPA14 Datasheet
90Kb / 1P
14 pin DIL VCXO
GPF14 EUROQUARTZ-GPF14 Datasheet
90Kb / 1P
14 pin DIL VCXO
EMW38GT EUROQUARTZ-EMW38GT Datasheet
346Kb / 1P
CMOS 14 pin DIL compatible,
GDA14 EUROQUARTZ-GDA14 Datasheet
91Kb / 1P
14 pin DIL
logo
Roithner LaserTechnik G...
G155PU001S ROITHNER-G155PU001S Datasheet
299Kb / 5P
Pigtailed 14-PIN DIL Laser Diode with TEC
G131PU001S ROITHNER-G131PU001S Datasheet
321Kb / 5P
Pigtailed 14-PIN DIL Laser Diode with TEC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com