Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP300N04T2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP300N04T2
Description  TrenchT2 Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP300N04T2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP300N04T2 Datasheet HTML 1Page - IXYS Corporation IXTP300N04T2 Datasheet HTML 2Page - IXYS Corporation IXTP300N04T2 Datasheet HTML 3Page - IXYS Corporation IXTP300N04T2 Datasheet HTML 4Page - IXYS Corporation IXTP300N04T2 Datasheet HTML 5Page - IXYS Corporation IXTP300N04T2 Datasheet HTML 6Page - IXYS Corporation IXTP300N04T2 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2008 IXYS CORPORATION, All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 175°C40
V
V
DGR
T
J
= 25
°C to 175°C, R
GS = 1MΩ
40
V
V
GSM
Transient
± 20
V
I
D25
T
C = 25°C
300
A
I
LRMS
Lead Current Limit, RMS
75
A
I
DM
T
C = 25°C, pulse width limited by TJM
900
A
I
A
T
C = 25°C
100
A
E
AS
T
C = 25°C
600
mJ
P
D
T
C = 25°C
480
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
1.6mm (0.062in.) from case for 10s
300
°C
T
sold
Plastic body for 10 seconds
260
°C
M
d
Mounting torque (TO-220)
1.13 / 10
Nm/lb.in.
Weight
TO-263
2.5
g
TO-220
3.0
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
40
V
V
GS(th)
V
DS = VGS, ID = 250μA
2.0
4.0
V
I
GSS
V
GS = ± 20V, VDS = 0V
±200 nA
I
DSS
V
DS = VDSS
5
μA
V
GS = 0V
T
J = 150°C
150
μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Notes 1, 2
2.5 m
Ω
TrenchT2TM
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
IXTA300N04T2
IXTP300N04T2
V
DSS
= 40V
I
D25
= 300A
R
DS(on) ≤
≤≤≤≤ 2.5m
Ω
Ω
Ω
Ω
Ω
DS100032(08/08)
G = Gate
D
= Drain
S = Source
TAB = Drain
TO-263 (IXTA)
G
S
(TAB)
TO-220 (IXTP)
G D
S
(TAB)
Preliminary Technical Information
Features
International standard packages
175
°C Operating Temperature
Avalanche rated
High current handling capability
Low R
DS(on)
Advantages
Easy to mount
Space savings
High power density
Applications
• Synchronous Buck Converters
• High Current Switching Power
Supplies
• Battery Powered Electric Motors
• Resonant-mode power supplies
• Electronics Ballast Application
• Class D Audio Amplifiers


Similar Part No. - IXTP300N04T2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP300N04T2 ISC-IXTP300N04T2 Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP300N04T2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFK360N15T2 IXYS-IXFK360N15T2 Datasheet
186Kb / 6P
GigaMOS TrenchT2 HiperFET Power MOSFET
IXFA76N15T2 IXYS-IXFA76N15T2 Datasheet
186Kb / 6P
TrenchT2 HiperFET Power MOSFET
IXFA180N10T2 IXYS-IXFA180N10T2 Datasheet
213Kb / 6P
TrenchT2 HiperFET Power MOSFET
IXFA230N075T2-7 IXYS-IXFA230N075T2-7 Datasheet
179Kb / 6P
TrenchT2 HiperFET Power MOSFET
IXFH150N17T2 IXYS-IXFH150N17T2 Datasheet
186Kb / 6P
TrenchT2 HiperFET Power MOSFET
IXFH230N075T2 IXYS-IXFH230N075T2 Datasheet
169Kb / 6P
TrenchT2 HiperFET Power MOSFET
IXFH340N075T2 IXYS-IXFH340N075T2 Datasheet
187Kb / 6P
TrenchT2 HiPerFET Power MOSFET
IXFH400N075T2 IXYS-IXFH400N075T2 Datasheet
194Kb / 6P
TrenchT2 HiperFET Power MOSFET
IXFH160N15T2 IXYS-IXFH160N15T2 Datasheet
200Kb / 6P
TrenchT2 HiperFET Power MOSFET
IXTN550N055T2 IXYS-IXTN550N055T2 Datasheet
184Kb / 6P
TrenchT2 GigaMOS Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com