Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC4110-SF Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # LSC4110-SF
Description  1 mW 14 Pin DIL Cooled Laser Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC4110-SF Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  LSC4110-SF Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 6Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 7Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
461
LSC2110
Top View
Pin Connections
LSC4110
Top View
TEC
14 TEC CATHODE (-ve SUPPLY TO COOL)
13 NOT CONNECTED
12 THERMISTOR
11 THERMISTOR
10 LASER ANODE (+ve SUPPLY) CASE GROUND
9 LASER CATHODE (-ve SUPPLY)
8 MONITOR PHOTODIODE ANODE (-ve SUPPLY)
TEC ANODE (+ve SUPPLY TO COOL) 1
NOT CONNECTED 2
NOT CONNECTED 3
RESERVED - DO NOT CONNECT 4
CASE GROUND 5
RESERVED - DO NOT CONNECT 6
MONITOR PHOTODIODE CATHODE (+ve SUPPLY) 7
14 TEC CATHODE (-ve SUPPLY TO COOL)
13 LASER ANODE (+ve SUPPLY) CASE GROUND
12 NOT CONNECTED
11 LASER CATHODE (-ve SUPPLY)
10 CASE GROUND
9 NOT CONNECTED
8 NOT CONNECTED
TEC ANODE (+ve SUPPLY TO COOL) 1
THERMISTOR 2
MONITOR PHOTODIODE ANODE (-ve SUPPLY) 3
MONITOR PHOTODIODE CATHODE (+ve SUPPLY) 4
CASE GROUND 5
NOT CONNECTED 6
NOT CONNECTED 7
TEC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com