Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH50P10 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTH50P10
Description  Standard Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH50P10 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTH50P10 Datasheet HTML 1Page - IXYS Corporation IXTH50P10 Datasheet HTML 2Page - IXYS Corporation IXTH50P10 Datasheet HTML 3Page - IXYS Corporation IXTH50P10 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTH50P10
IXTT50P10
Fig. 11. Capacitance
100
1000
10000
-40
-35
-30
-25
-20
-15
-10
-5
0
VD S - Volts
Ciss
Coss
Crss
f = 1MHz
Fig. 10. Gate Charge
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0
20
40
60
80
100
120
140
Q G - nanoCoulombs
VDS = - 50V
I
D = - 25A
I
G = -1m A
Fig. 7. Input Admittance
-150
-125
-100
-75
-50
-25
0
-11
-10
-9
-8
-7
-6
-5
-4
VG S - Volts
TJ = - 40ºC
25ºC
125ºC
Fig. 8. Transconductance
0
5
10
15
20
25
30
35
40
-100
-80
-60
-40
-20
0
I D - Amperes
TJ = - 40ºC
125ºC
25ºC
Fig. 9. Source Current vs. Source-To-Drain
Voltage
-150
-125
-100
-75
-50
-25
0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
VS D - Volts
TJ = 125ºC
TJ = 125ºC
Fig. 12. Maximum Transient Thermal
Impedance
0.01
0.10
1.00
1
10
100
1000
Pulse Width - milliseconds
IXYS REF: T_50P10(7B) 6-23-08-A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com