Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H01 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L99H01
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L99H01 Datasheet HTML 3Page - STMicroelectronics L99H01 Datasheet HTML 4Page - STMicroelectronics L99H01 Datasheet HTML 5Page - STMicroelectronics L99H01 Datasheet HTML 6Page - STMicroelectronics L99H01 Datasheet HTML 7Page - STMicroelectronics L99H01 Datasheet HTML 8Page - STMicroelectronics L99H01 Datasheet HTML 9Page - STMicroelectronics L99H01 Datasheet HTML 10Page - STMicroelectronics L99H01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
DocID15567 Rev 6
7/53
L99H01
Block diagram and pin description
52
1
Block diagram and pin description
Figure 1. Block diagram
1.1
Pinout PowerSSO-36
Table 2. Pin definitions and functions
Pin
Symbol
Function
1
GND
Ground. Reference potential, connected to slug.
2
GNDD
Digital ground. Reference potential.
3VCCD
Logic voltage supply 3.3 V/5 V: for this input a ceramic capacitor as
close as possible to GND is recommended.
4VCC
Analog voltage supply 3.3 V/5 V: for this input a ceramic capacitor as
close as possible to GND is recommended.
5
EN
Enable input. The enable input has a pull-down resistor.
6DIR
Direction select input for H-bridge control. This input has a pull-down
current.
7
PWM
PWM input for H-bridge control. This input has a pull-down current.
8CSN
Chip select not input: this input is low active and requires CMOS logic
levels. The serial data transfer between L99H01 and microcontroller is
enabled by pulling the input CSN to low-level. This input has a pull-up
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com