Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99H01QFTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L99H01QFTR
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01QFTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L99H01QFTR Datasheet HTML 9Page - STMicroelectronics L99H01QFTR Datasheet HTML 10Page - STMicroelectronics L99H01QFTR Datasheet HTML 11Page - STMicroelectronics L99H01QFTR Datasheet HTML 12Page - STMicroelectronics L99H01QFTR Datasheet HTML 13Page - STMicroelectronics L99H01QFTR Datasheet HTML 14Page - STMicroelectronics L99H01QFTR Datasheet HTML 15Page - STMicroelectronics L99H01QFTR Datasheet HTML 16Page - STMicroelectronics L99H01QFTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
DocID15567 Rev 6
13/53
L99H01
Electrical specifications
52
2.3
Thermal data
2.4
Electrical characteristics
VS = 6 V to 28 V, VCC = 3 V to 5.3 V, Tj = -40°C to 150°C, unless otherwise specified.
The voltages are referred to GND and currents are assumed positive, when the current
flows into the pin.
Table 6. Operating junction temperature
Item
Symbol
Parameter
Value
Unit
6.1
Tj
Operating junction temperature
-40 to 150
°C
Table 7. Temperature warning and thermal shutdown
Item
Symbol
Parameter
Min.
Typ.
Max. Unit
7.1
TjTW ON
Temperature warning threshold
junction temperature
Tj
135
—
165
°C
7.2
TjSD ON
Thermal shutdown threshold
junction temperature
Tj increasing
155
—
185
°C
7.3
TjSD OFF
Thermal shutdown threshold
junction temperature
Tj decreasing
150
—
180
°C
Table 8. Packages thermal resistance
Item
Symbol
Parameter
Value
Unit
PowerSSO-36
LQFP32
8.1
Rthj-amb
Thermal resistance junction-
ambient (max.)
58(1)
1.
Minimum footprint.
80(1)
°C/W
Table 9. Supply
Item
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
9.1
VS
Operating supply
voltage range
628
V
9.2
VVS_OV1
Overvoltage disable
high threshold 1
SPI: OVT = 1
28
30.5
32
V
9.3
VVS_OV1H
Overvoltage threshold
1 hysteresis
0.57
0.77
1.07
V
9.4
VVS_OV2
Overvoltage disable
high threshold 2
SPI: OVT = 0
18
20
22
V
9.5
VVS_OV2H
Overvoltage threshold
2 hysteresis
0.42
0.62
0.82
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com