Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD15PL Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SMD15PL
Description  1 Amp Schottky Rectifier 50 to 80 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMD15PL Datasheet(HTML) 2 Page - Micro Commercial Components

  SMD15PL Datasheet HTML 1Page - Micro Commercial Components SMD15PL Datasheet HTML 2Page - Micro Commercial Components SMD15PL Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD1
5PL thru SMD18PL
Revision:
D
20
13/01/01
MCC
TM
Micro Commercial Components
www.mccsemi.com
Figure 1
Typical Forward Characteristics
20
10
6
SMD15PL-16PL
4
2
SMD18PL
Amps
1
.6
.4
.2
25
°C
.1
.06
.04
.02
.01
.4
.6
.8
1.0
1.2
1.4
Volts
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
1.2
Figure 2
Forward Derating Curve
Figure 3
Peak Forward Surge Current
60
50
1.0
40
.8
30
.6
Amps
.4
20
10
0
1
2
4
6
8 10
20
40
60
80 100
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Cycles
0
0
50
75
100
125
°C
150
175
Number Of Cycles At 60Hz - Cycles
Average Forward Rectified Current
-
Amperesversus
Lead Temperature
-
°C
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com