Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF20100CTP Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # MBRF20100CTP
Description  SCHOTTKY RECT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBRF20100CTP Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBRF20100CTP Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF20100CTP Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF20100CTP Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF20100CTP Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF20100CTP Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBRF20100CTP Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0081, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBRF20100CTP
MBRF20100CTP SCHOTTKY RECTIFIER
Applications:
•
Switching power supply
•
Converters
•
Free-Wheeling diodes
•
Reverse battery protection
Features:
•
150 ℃
℃
℃
℃ TJ operation
•
Center tap configuration
•
Low forward voltage drop
•
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
•
High frequency operation
•
Guard ring for enhanced ruggedness and long term reliability
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
OUTLINE DRAWING
Mechanical Dimensions: In mm
OPTION 1(HD)
SYMBOL
MIN.
TYP.
MAX.
A
4.30
4.50
4.70
A1
1.10
1.30
1.50
A2
2.80
3.00
3.20
A3
2.50
2.70
2.90
b
0.50
0.60
0.75
b1
1.10
1.20
1.35
b2
1.50
1.60
1.75
b3
1.20
1.30
1.45
b4
1.60
1.70
1.85
c
0.55
0.60
0.75
D
14.80
15.00
15.20
E
9.96
10.16
10.36
e
2.55
e1
5.10
H1
6.50
6.70
6.90
L
12.70
13.20
13.70
L1
1.60
1.80
2.00
L2
0.80
1.00
1.20
L3
0.60
0.80
1.00
ΦP1(上口)
3.30
3.50
3.70
ΦP2(下口)
2.99
3.19
3.39
Q
2.50
2.70
2.90
Θ1
5°
Θ2
4°
Θ3
10°
Θ4
5°
Θ5
5°


Similar Part No. - MBRF20100CTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MBRF20100CTP LITTELFUSE-MBRF20100CTP Datasheet
633Kb / 3P
Low forward voltage drop
logo
SMC Diode Solutions Co....
MBRF20100CTP SMCDIODE-MBRF20100CTP Datasheet
401Kb / 4P
MBRF20100CTP SCHOTTKY RECTIFIER
Rev. B
More results

Similar Description - MBRF20100CTP

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
XXX-259-X ATM-XXX-259-X Datasheet
42Kb / 1P
OUTLINE, RECT. WG-COAX ADAPTOR, 7/16 CONN
logo
SeCoS Halbleitertechnol...
SBR10150 SECOS-SBR10150_08 Datasheet
196Kb / 2P
10.0 Amp Schottky Barrier Rect
logo
ON Semiconductor
NCP1423 ONSEMI-NCP1423_14 Datasheet
184Kb / 14P
Sync-Rect PFM Step-Up DC-DC Converter
October, 2014 ??Rev. 8
logo
DONGGUAN YOU FENG WEI E...
SS82-SMC YFWDIODE-SS82-SMC Datasheet
1,005Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECT
logo
LUMEX INC.
SSL-LX4673GD-LA20 LUMEX-SSL-LX4673GD-LA20 Datasheet
68Kb / 1P
QUASARBRITE 4mm X 7mm RECT LED
SSL-LX4673HGW-LA20 LUMEX-SSL-LX4673HGW-LA20 Datasheet
69Kb / 1P
QUASARBRITE 4mm X 7mm RECT LED
SSL-LX4673ID-LA20 LUMEX-SSL-LX4673ID-LA20 Datasheet
69Kb / 1P
QUASARBRITE 4mm X 7mm RECT LED
SSL-LX4673IGW-LA20 LUMEX-SSL-LX4673IGW-LA20 Datasheet
69Kb / 1P
4mm X 7mm RECT LED
SSL-LX4673SRD-LA20 LUMEX-SSL-LX4673SRD-LA20 Datasheet
68Kb / 1P
4mm X 7mm RECT LED
SSL-LX4673YD-LA20 LUMEX-SSL-LX4673YD-LA20 Datasheet
68Kb / 1P
QUASARBRITE 4mm X 7mm RECT LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com