Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSA0686 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # MSA0686
Description  Cascadable Silicon Bipolar MMIC Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MSA0686 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  MSA0686 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MSA0686 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MSA0686 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MSA0686 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6-384
MSA-0686 Typical Scattering Parameters (ZO = 50 Ω, TA = 25°C, Id = 16 mA)
Freq.
GHz
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
Mag
Ang
k
0.1
.06
–175
20.1
10.08
170
–23.3
.069
4
.04
–84
1.05
0.2
.06
–169
19.8
9.77
161
–23.2
.069
8
.07
–103
1.05
0.3
.07
–164
19.4
9.35
152
–22.5
.075
13
.10
–113
1.03
0.4
.08
–158
19.1
8.98
144
–22.2
.078
16
.13
–123
1.02
0.5
.08
–154
18.7
8.58
135
–21.6
.083
18
.15
–131
1.01
0.6
.09
–152
18.0
7.94
128
–21.1
.088
21
.18
–140
1.01
0.8
.12
–152
17.2
7.25
114
–20.3
.097
25
.21
–155
1.00
1.0
.15
–154
16.3
6.51
102
–19.5
.106
25
.24
–168
0.99
1.5
.25
–171
14.0
5.01
76
–17.6
.133
22
.27
165
0.99
2.0
.34
171
11.9
3.94
56
–16.1
.157
19
.27
147
1.01
2.5
.43
155
9.8
3.09
42
–15.9
.161
16
.27
134
1.06
3.0
.49
140
8.0
2.51
28
–15.3
.171
11
.26
124
1.10
3.5
.56
128
6.4
2.09
15
–15.1
.175
6
.25
118
1.13
4.0
.61
118
5.0
1.78
3
–14.9
.180
3
.24
115
1.15
5.0
.70
99
2.4
1.32
–18
–14.7
.185
–2
.24
118
1.16
Note:
1. A model for this device is available in the DEVICE MODELS section.
S11
S21
S12
S22
0.1
0.3 0.5
1.0
3.0
6.0
FREQUENCY (GHz)
Figure 1. Typical Power Gain vs.
Frequency, TA = 25°C.
1
02
3
4
5
Vd (V)
Figure 2. Device Current vs. Voltage.
0
3
6
9
12
15
18
24
21
0
5
10
15
20
25
Gain Flat to DC
TC = +85°C
TC = +25°C
TC = –25°C
0.1
0.2 0.3
0.5
2.0
1.0
4.0
FREQUENCY (GHz)
Figure 4. Output Power at 1 dB Gain
Compression vs. Frequency.
–4
0
4
8
12
Id = 20 mA
Id = 30 mA
Id = 12 mA
Id = 16 mA
Id = 25 mA
Id = 12 mA
Id = 16 mA
2.5
2.0
3.0
3.5
4.0
FREQUENCY (GHz)
Figure 5. Noise Figure vs. Frequency.
0.1
0.2 0.3
0.5
2.0
1.0
4.0
0
1
2
3
4
5
0
1
2
3
4
5
17
18
19
20
–25
+25
0
+55
+85
TEMPERATURE (
°C)
Figure 3. Output Power at 1 dB Gain
Compression, NF and Power Gain vs.
Case Temperature, f = 1.0 GHz,
Id=16mA.
P1 dB
NF
GP
Id= 12 mA
Id= 16 mA, 30 mA
Id= 20 mA
Typical Performance, TA = 25°C
(unless otherwise noted)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com