Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6612C Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATA6612C
Description  8K/16K Flash Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6612C Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATA6612C Datasheet HTML 17Page - ATMEL Corporation ATA6612C Datasheet HTML 18Page - ATMEL Corporation ATA6612C Datasheet HTML 19Page - ATMEL Corporation ATA6612C Datasheet HTML 20Page - ATMEL Corporation ATA6612C Datasheet HTML 21Page - ATMEL Corporation ATA6612C Datasheet HTML 22Page - ATMEL Corporation ATA6612C Datasheet HTML 23Page - ATMEL Corporation ATA6612C Datasheet HTML 24Page - ATMEL Corporation ATA6612C Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 312 page
background image
21
ATA6612C/ATA6613C [DATASHEET]
9111L–AUTO–11/14
4
EN Input Pin
4.1
Low-level voltage input
EN
VENL
–0.3
+0.8
V
A
4.2
High-level voltage input
EN
VENH
2
VCC +
0.3V
V
A
4.3
Pull-down resistor
VEN = VCC
EN
REN
50
125
200
k
Ω
A
4.4
Low-level input current
VEN = 0V
EN
IEN
–3
+3
µA
A
5
NTRIG Watchdog Input Pin
5.1
Low-level voltage input
NTRIG
VNTRIGL
–0.3
+0.8
V
A
5.2
High-level voltage input
NTRIG
VNTRIGH
2
VCC +
0.3V
V
A
5.3
Pull-up resistor
VNTRIG = 0V
NTRIG
RNTRIG
125
250
400
k
Ω
A
5.4
High-level leakage
current
VNTRIG = VCC
NTRIG
INTRIG
–3
+3
µA
A
6
Mode Input Pin
6.1
Low-level voltage input
MODE
VMODEL
–0.3
+0.8
V
A
6.2
High-level voltage input
MODE
VMODEH
2
VCC +
0.3V
V
A
6.3
High-level leakage
current
VMODE = VCC or
VMODE = 0V
MODE
IMODE
–3
+3
µA
A
7
INH Output Pin
7.1
High-level voltage
IINH = –15mA
INH
VINHH
VS – 0.75
VS
V
A
7.2
Switch-on resistance
between VS and INH
INH
RINH
30
50
Ω
A
7.3
Leakage current
Sleep mode
VINH = 0V/27V, VS = 27V
INH
IINHL
–3
+3
µA
A
8
LIN Bus Driver: Bus Load Conditions:
Load 1 (small): 1nF, 1k
Ω; Load 2 (large): 10nF, 500Ω; Internal pull-up RRXD = 5kΩ; CRXD = 20pF
Load 3 (medium): 6.8nF, 660
Ω, characterized on samples
10.6 and 10.7 specifies the timing parameters for proper operation at 20kBit/s and 10.8 and 10.9 at 10.4kBit/s
8.1
Driver recessive output
voltage
Load1/load2
LIN
VBUSrec
0.9
× VS
VS
V
A
8.2
Driver dominant voltage
VVS = 7V
Rload = 500Ω
LIN
V_LoSUP
1.2
V
A
8.3
Driver dominant voltage
VVS = 18V
Rload = 500Ω
LIN
V_HiSUP
2
V
A
8.4
Driver dominant voltage
VVS = 7.0V
Rload = 1000Ω
LIN
V_LoSUP_1k
0.6
V
A
8.5
Driver dominant voltage
VVS = 18V
Rload = 1000Ω
LIN
V_HiSUP_1k
0.8
V
A
8.6
Pull-up resistor to VS
The serial diode is
mandatory
LIN
RLIN
20
30
60
k
Ω
A
8.7
Voltage drop at the
serial diodes
In pull-up path with Rslave
ISerDiode = 10mA
LIN
VSerDiode
0.4
1.0
V
D
4.
Electrical Characteristics (Continued)
5V < VS < 27V, –40°C < Tcase < 125°C, –40°C < Tj < 150°C, unless otherwise specified. All values refer to GND pins
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com