Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDT0311 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # PDT0311
Description  Connectorized PIN Photodiodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

PDT0311 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  PDT0311 Datasheet HTML 1Page - Agilent(Hewlett-Packard) PDT0311 Datasheet HTML 2Page - Agilent(Hewlett-Packard) PDT0311 Datasheet HTML 3Page - Agilent(Hewlett-Packard) PDT0311 Datasheet HTML 4Page - Agilent(Hewlett-Packard) PDT0311 Datasheet HTML 5Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
504
Features
• Industry Standard
Connectors–FC, ST® and SC
• 1200 nm to 1650 nm
Wavelength
• High Responsivity
• High Reliability Planar
InGaAs Photodiode
• Range of Flange Options
• Low Dark Current
• -40
°C to +85°C Operation
Applications
• Optical Data Communica-
tion Receivers
• O-E Convertors
• LANS
• FDDI Networks
• Instrumentation
• FITL
• Single and Multimode Fiber
Communications Systems
Connectorized PIN Photodiodes
Technical Data
PDT0X1X
Description
The PDT range of products
includes a variety of connector-
ized PIN photodiodes designed
for wide operating temperature,
low cost applications such as
fiber in the loop. The planar
InGaAs photodiodes are manu-
factured using our MOVPE
growth technology and give low
leakage, high responsivity
performance with excellent
reliability.
The construction of the devices
includes a hermetically sealed
photodiode and is designed to be
compatible with the environ-
mental requirements of the
Bellcore TA-TSY-000983
document.
The product range includes a
variety of pinout, connector type
and flange mounting options,
designed to match the majority of
offerings in the marketplace. If
the specific arrangement or
performance you require is not
listed, please contact Hewlett-
Packard. Highly flexible design
and manufacturing processes
allow both physical and electro-
optic customization to suit your
needs.
ST® is a Registered Trademark of AT&T.
ESD WARNING: NORMAL HANDLING PRECAUTIONS SHOULD BE TAKEN TO AVOID STATIC
DISCHARGE.
5965-5857E (11/96)


Similar Part No. - PDT0311

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
PDT0313-FC-A HP-PDT0313-FC-A Datasheet
96Kb / 4P
High Speed Receptacle Photodiodes
More results

Similar Description - PDT0311

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNZ0300 PANASONIC-PNZ0300 Datasheet
103Kb / 4P
Silicon PIN Photodiodes
logo
KODENSHI_AUK CORP.
HPI6FFR4 KODENSHI-HPI6FFR4 Datasheet
124Kb / 2P
PIN PHOTODIODES
HPI5FCR2 KODENSHI-HPI5FCR2 Datasheet
67Kb / 2P
PIN PHOTODIODES
HPI6FER2 KODENSHI-HPI6FER2 Datasheet
69Kb / 2P
PIN PHOTODIODES
HPI6FFR2 KODENSHI-HPI6FFR2 Datasheet
69Kb / 2P
PIN PHOTODIODES
HPI6FGR4 KODENSHI-HPI6FGR4 Datasheet
69Kb / 2P
PIN PHOTODIODES
HPI307 KODENSHI-HPI307 Datasheet
66Kb / 2P
PIN PHOTODIODES
logo
Unity Opto Technology
MCD-3P4C-312 UOT-MCD-3P4C-312 Datasheet
69Kb / 2P
InGaAs PIN PHOTODIODES
logo
Optoway Technology Inc
PD-8100 OPTOWAY-PD-8100_09 Datasheet
126Kb / 3P
GaAs PIN PHOTODIODES
logo
Hamamatsu Corporation
G12180-003A HAMAMATSU-G12180-003A Datasheet
161Kb / 4P
InGaAs PIN photodiodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com