Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T112001 Datasheet(PDF) 1 Page - E-SWITCH

Part # T112001
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T112001 Datasheet(HTML) 1 Page - E-SWITCH

  T112001 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100SP2T3B3VS2QE
2:1
8/24/2006
T112001
A
BO
1
1
A
16374
RELEASED FOR PRODUCTION
8/24/06
BO
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: SILVER
5. RATING: 2A @ 250 VAC
5A @ 120 VAC OR 28 VDC
6. ELECTRIC LIFE: 40,000 make-and-break cycles
at full load.
7. INSULATION RESISTANCE: 1,000 Mega-ohm min.
8. DIELECTRIC STRENGTH: 1,000 V RMS @sea level.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
(ON)
2-3
N/A
2-1
2
1
3
CIRCUIT: SPDT
E-SWITCH
MARKING ON
OPPOSITE SIDE
1
2
3
.76
[.030 in]
4.70
[.185 in]
15.75
[.620 in]
3.18
[.125 in]
4.70
[.185 in]
n1.85
[.073 in]
TYP.
P.C. MOUNTING
25
~
POS. 1
POS. 2
POS. 3
15.75
[.620 in]
7.10
[.280 in]
.51
[.020 in]
1/4-40 UNS - 2A
n3.30
[.130 in]
1.22
[.048 in]
3.18
[.125 in]
8.13
[.320 in]
4.70
[.185 in]
11.68
[.460 in]
EPOXY SEAL
15.25
[.600 in]
3


Similar Part No. - T112001

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T112000 E-SWITCH-T112000 Datasheet
32Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T112002 E-SWITCH-T112002 Datasheet
38Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T112003 E-SWITCH-T112003 Datasheet
117Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T112005 E-SWITCH-T112005 Datasheet
168Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T112006 E-SWITCH-T112006 Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T112001

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com