Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7204L50P Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 7204L50P
Description  First-In/First-Out Dual-Port memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7204L50P Datasheet(HTML) 2 Page - Integrated Device Technology

  7204L50P Datasheet HTML 1Page - Integrated Device Technology 7204L50P Datasheet HTML 2Page - Integrated Device Technology 7204L50P Datasheet HTML 3Page - Integrated Device Technology 7204L50P Datasheet HTML 4Page - Integrated Device Technology 7204L50P Datasheet HTML 5Page - Integrated Device Technology 7204L50P Datasheet HTML 6Page - Integrated Device Technology 7204L50P Datasheet HTML 7Page - Integrated Device Technology 7204L50P Datasheet HTML 8Page - Integrated Device Technology 7204L50P Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
COMMERCIAL,INDUSTRIALANDMILITARY
TEMPERATURERANGES
IDT7203/7204/7205/7206/7207/7208 CMOS ASYNCHRONOUS FIFO
2,048 x 9, 4,096 x 9, 8,192 x 9, 16,384 x 9, 32,768 x 9, 65,536 x 9
PIN CONFIGURATIONS
Symbol
Rating
Com'l & Ind'l
Military
Unit
VTERM
Terminal
–0.5 to +7.0
–0.5 to +7.0
V
Voltage with
Respect to GND
TSTG
Storage
–55 to + 125
–65 to +155
°C
Temperature
IOUT
DC Output
–50 to +50
–50 to +50
mA
+Current
Reference
Order
Device
Package Type
Identifier
Code
Availability
PLASTIC DIP
P28-1
P
All devices
PLASTIC THIN DIP
P28-2
T P
All except 7207/7208
CERDIP
D28-1
D
All except 7208
THIN CERDIP
D28-3
TD
Only for 7203/7204/7205
SOIC
SO28-3
SO
Only for 7204
Package
Reference
Order
Device
Type
Identifier
Code
Availability
PLCC
J32-1
J
All devices
LCC(1)
L32-1
L
All except 7208
TOP VIEW
TOP VIEW
NOTE:
1. This package is only available in the military temperature range.
NOTES:
1. For
RT/RS/XI input, VIH = 2.6V (commercial).
For
RT/RS/XI input, VIH = 2.6V (military).
2. 1.5V undershoots are allowed for 10ns once per cycle.
5
6
7
8
9
10
11
12
13
FF
XI
GND
1
2
3
4
14
28
27
26
25
24
23
22
21
EF
XO/HF
Vcc
FL/RT
RS
20
19
18
17
16
15
W
D4
Q7
R
2661 drw02a
D5
D7
D6
Q6
Q5
Q4
Q8
Q3
Q2
Q1
Q0
D8
D3
D2
D1
D0
5
6
7
8
9
10
11
12
13
FF
XI
Q0
29
28
27
26
25
24
23
22
21
EF
XO/HF
D6
NC
FL/RT
RS
INDEX
NC
2661 drw02b
D7
D2
D1
D0
Q1
Q2
Q7
Q6
ABSOLUTE MAXIMUM RATINGS
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
Commercial/Industrial/Military
GND
Supply Voltage
0
0
0
V
VIH(1)
Input High Voltage
2.0
—
—
V
Commercial/Industrial
VIH(1)
Input High Voltage Military
2.2
—
—
V
VIL(2)
Input Low Voltage
—
—
0.8
V
Commercial/Industrial/Military
TA
OperatingTemperatureCommercial
0
—
70
°C
TA
OperatingTemperatureIndustrial
–40
—
85
°C
TA
OperatingTemperatureMilitary
–55
—
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com