Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELJRE1N5DF2 Datasheet(PDF) 12 Page - Panasonic Semiconductor

Part # ELJRE1N5DF2
Description  Chip Inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRE1N5DF2 Datasheet(HTML) 12 Page - Panasonic Semiconductor

Back Button ELJRE1N5DF2 Datasheet HTML 5Page - Panasonic Semiconductor ELJRE1N5DF2 Datasheet HTML 6Page - Panasonic Semiconductor ELJRE1N5DF2 Datasheet HTML 7Page - Panasonic Semiconductor ELJRE1N5DF2 Datasheet HTML 8Page - Panasonic Semiconductor ELJRE1N5DF2 Datasheet HTML 9Page - Panasonic Semiconductor ELJRE1N5DF2 Datasheet HTML 10Page - Panasonic Semiconductor ELJRE1N5DF2 Datasheet HTML 11Page - Panasonic Semiconductor ELJRE1N5DF2 Datasheet HTML 12Page - Panasonic Semiconductor ELJRE1N5DF2 Datasheet HTML 13Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Chip Inductors
s Embossed Carrier Tape Dimensions in mm (not to scale)
Types RE, ND, FC, FD, FC, PC
Types NA, FA, SA, PA
Type FB
Dimensions
Size
Types
A
B
W
F
E
P1
P2
P3
øD0
øD1
t1
t2
1608 (0603)
RE
1.0
1.8
8
3.5
1.75
4.0
2.0
4.0
1.5
0.6
(0.27)
1.2
2012 (0805)
ND, FD
1.45
2.25
8
3.5
1.75
4.0
2.0
4.0
1.5
1.0
(0.25)
1.55
2520 (1008)
NC, FC, PC
2.4
2.9
8
3.5
1.75
4.0
2.0
4.0
1.5
1.1
(0.25)
1.85
3225 (1210)
NA, FA, SA, PA
2.8
3.6
8
3.5
1.75
4.0
2.0
4.0
1.5
—
(0.25)
2.4
4532 (1812)
FB
3.6
4.9
12
5.5
1.75
8.0
2.0
4.0
1.5
—
(0.3)
3.5
øD0
Tape running direction
(W = 12mm)
P2 P3
P1
Chip component
t2
t1
Tape running direction
(W = 8mm)
øD0
P3
P2
P1
A
Chip component
t2
t1
Tape running direction
(W = 8mm)
Chip component
øD1
P3
P2
P1
A
t2
t1
øD0
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com