Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELJNDR10JKF Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # ELJNDR10JKF
Description  Chip Inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJNDR10JKF Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button ELJNDR10JKF Datasheet HTML 5Page - Panasonic Semiconductor ELJNDR10JKF Datasheet HTML 6Page - Panasonic Semiconductor ELJNDR10JKF Datasheet HTML 7Page - Panasonic Semiconductor ELJNDR10JKF Datasheet HTML 8Page - Panasonic Semiconductor ELJNDR10JKF Datasheet HTML 9Page - Panasonic Semiconductor ELJNDR10JKF Datasheet HTML 10Page - Panasonic Semiconductor ELJNDR10JKF Datasheet HTML 11Page - Panasonic Semiconductor ELJNDR10JKF Datasheet HTML 12Page - Panasonic Semiconductor ELJNDR10JKF Datasheet HTML 13Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Chip Inductors
s Packaging Methods
Standard Packing Quantity and Mass
Reel Dimensions
E
A
C
B
D
W
Types RE, ND, FD, NC, FC, PC, NA, FA, SA, PA
A
B
C
D
E
W
178
60 min.
ø13
21
2.0
9
Type FB
A
B
C
D
E
W
178
60 min.
ø13
21
2.0
13
Dimensions
Types
Quantity
Mass
RE, ND, FD
3000 pcs.
90 g
NC, FC, PC
2000 pcs.
100 g
NA, FA, SA, PA
2000 pcs.
170 g
FB
500 pcs.
100 g
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com